Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7F100LLL3CFB Fiches technique(PDF) 65 Page - Renesas Technology Corp

No de pièce R7F100LLL3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLL3CFB Fiches technique(HTML) 65 Page - Renesas Technology Corp

Back Button R7F100LLL3CFB Datasheet HTML 61Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 62Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 63Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 64Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 65Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 66Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 67Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 68Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 65 of 145
Oct 31, 2025
Note 1. The listed currents are the total currents flowing into VDD, including the input leakage currents flowing when the level of the
input pin is fixed to VDD, VSS, or EVSS. In the subsystem clock operation mode, the currents in the Typ. and Max. columns do
not include the operating currents of the peripheral modules.
Note 2. The listed currents apply when the HALT instruction has been fetched from the flash memory for execution.
Note 3. The listed currents apply when the high-speed on-chip oscillator, middle-speed on-chip oscillator, high-speed system clock,
and subsystem clock are stopped.
Note 4. The listed currents apply when the high-speed on-chip oscillator, middle-speed on-chip oscillator, high-speed system clock,
and low-speed on-chip oscillator are stopped.
Note 5. The listed currents apply when the high-speed on-chip oscillator, middle-speed on-chip oscillator, high-speed system clock,
and low-speed on-chip oscillator are stopped, and the setting of RTCLPC is 1, and the low power consumption oscillation 3
is specified (AMPHS1, AMPHS0 = 11B).
Note 6. The listed currents with this setting allow retention of the contents of the entire RAM area. The listed currents apply when the
low-speed on-chip oscillator and subsystem clock oscillation are stopped. For the current for operation of the subsystem
clock in the STOP mode, refer to that in the HALT mode.
Note 7. The listed currents with this setting allow retention of the contents of a specified 4-Kbyte area of the RAM. The listed currents
apply when the low-speed on-chip oscillator and subsystem clock oscillation are stopped.
Note 8. The listed currents with this setting allow retention of the contents of a specified 4-Kbyte area of the RAM. The listed currents
apply when the low-speed on-chip oscillator is stopped, the setting of RTCLPC is 1, and the low power consumption
oscillation 3 is specified (AMPHS1, AMPHS0 = 11B). The current flowing into the RTC is included.
Remark 1. fIL: Low-speed on-chip oscillator clock frequency
Remark 2. fSUB: Subsystem clock frequency (XT1 clock oscillation frequency)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com