Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7F100LLE3CFB Fiches technique(PDF) 83 Page - Renesas Technology Corp

No de pièce R7F100LLE3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLE3CFB Fiches technique(HTML) 83 Page - Renesas Technology Corp

Back Button R7F100LLE3CFB Datasheet HTML 79Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 80Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 81Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 82Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 83Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 84Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 85Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 86Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 83 of 145
Oct 31, 2025
Connection in the UART communications with devices operating at same voltage levels
Bit width in the UART communications when interfacing devices operate at the same voltage level (reference)
Remark 1.
q: UART number (q = 0 to 3), g: PIM and POM number (g = 0 to 9, 12 to 14)
Remark 2.
fMCK: Serial array unit operation clock frequency
To set this operating clock, set the CKSmn bit in the serial mode register mn (SMRmn) (m: Unit number, n: Channel
number (mn = 00 to 03, 10 to 13).
TxDq
RxDq
User device
Rx
Tx
RL78
microcontroller
Baud rate error tolerance
TxDq
RxDq
High-/low-bit width
1/Transfer rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com