| Moteur de recherche de fiches techniques de composants électroniques |
|
EHS-M2HC Fiches technique(PDF) 8 Page - PATLITE CORPORATION. |
|
|
|||||||||||||||||||||||||||||
EHS-M2HC Fiches technique(HTML) 8 Page - PATLITE CORPORATION. |
|
8 / 13 page ![]() Channel input mode can be selected for bit/binary with the Mode Switch (DIPSW). With the bit input, channels 1-8 can be used to reproduce up to eight channels. (When sound reduction is OFF) With the binary input, channels 1-6 can be used to reproduce up to 32 channels. * Factory Setting : Bit Binary Input Table O -- Switch ON Bit Binary 5-2. Channel Input Method 1 Drawing No. Rev. Page J 6 7 4 5 Sound No. Channel 1 2 3 2 3 4 5 6 7 Sound No. Channel 8 8 O O O O O O 3 O O O O O 5 O O O O O O O O O O O O O O O O 7 O O O O O 9 O O O O 11 O O O O 13 O O O O O O O O 15 O O O O O O O O O O O O O O O O 19 23 27 31 O O 4 20 1 17 2 18 O O 8 24 21 6 22 O O O O O 12 28 25 10 26 O O O 16 32 29 14 30 O O O O O 8/13 EHS-W18 |