Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EHS-M2 Fiches technique(PDF) 11 Page - PATLITE CORPORATION.

No de pièce EHS-M2
Description  Horn Type Annunciator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PATLITE [PATLITE CORPORATION.]
Site Internet  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

EHS-M2 Fiches technique(HTML) 11 Page - PATLITE CORPORATION.

Back Button EHS-M2 Datasheet HTML 5Page - PATLITE CORPORATION. EHS-M2 Datasheet HTML 6Page - PATLITE CORPORATION. EHS-M2 Datasheet HTML 7Page - PATLITE CORPORATION. EHS-M2 Datasheet HTML 8Page - PATLITE CORPORATION. EHS-M2 Datasheet HTML 9Page - PATLITE CORPORATION. EHS-M2 Datasheet HTML 10Page - PATLITE CORPORATION. EHS-M2 Datasheet HTML 11Page - PATLITE CORPORATION. EHS-M2 Datasheet HTML 12Page - PATLITE CORPORATION. EHS-M2 Datasheet HTML 13Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
It only plays back while the signal input is maintained.
Playback will be stopped as soon as the signal input is lost.
Repetitive playback occurs when the signal input is maintained.
- Channel Input Method : Bit Input
* All channels above 5 are the same.
* The wavy line indicates playback is stopped, and the channel corresponding to the changed signal input
(Playback) is reproduced.
- Channel Input Method : Binary Input
* All channels above 5 are the same.
* The wavy line indicates when playback was stopped and the sound which was the changed signal input
(Playback) is played.
Drawing No.
Rev.
Page
J
2
4
6. Timing Chart
Channel1
Channel2
Channel3
Channel4
Playback Channel
Channel1
Channel2
Channel3
Channel4
Sound No.
No.7
No.1
1
1
2
3
4
3
1
No.5
No.5
No.2
No.6
No.2
No.15
No.15
11/13
EHS-W18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13