| Moteur de recherche de fiches techniques de composants électroniques |
|
SA326-RX Fiches technique(PDF) 8 Page - NiceRF Wireless Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SA326-RX Fiches technique(HTML) 8 Page - NiceRF Wireless Technology Co., Ltd. |
|
8 / 13 page ![]() www.nicerf.com SA326 NiceRF Wireless Technology Co., Ltd. Rev 1.7 - 8 - sales@nicerf.com 5)Format: when use IIS , you can choose High Bits or Low Bits 6)Net_ID: you can set ID of each module 7)Power_Saving: power saving mode, default:off 8)Volume: high low of voice, default: 77% 9)Signal Strength Threshold: Sound volume preset value. When the emitted sound is larger than this value, it can be played. The smaller the more sensitive. 7. Module interface description SA326-TX SA326F30-TX SA326-RX |