| Moteur de recherche de fiches techniques de composants électroniques |
|
MC4558IP Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MC4558IP Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 7 page ![]() ELECTRICAL CHARACTERISTICS VCC = ±15V, Tamb =25oC (unless otherwise specified) Symbol Parameter Min. Typ. Max. Unit Vio Input Offset Voltage (RS ≤ 10 kΩ) Tamb =25 oC Tmin. ≤ Tamb ≤ Tmax. 15 6 mV Iio Input Offset Current Tamb =25 oC Tmin. ≤ Tamb ≤ Tmax. 20 100 200 nA Iib Input Bias Current Tamb =25 oC Tmin. ≤ Tamb ≤ Tmax. 50 400 500 nA Avd Large Signal Voltage Gain (VO = ±10V, RL =2kΩ) Tamb =25 oC Tmin. ≤ Tamb ≤ Tmax. 50 25 200 V/mV SVR Supply Voltage Rejection Ratio (RS ≤ 10kΩ) Tamb =25 oC Tmin. ≤ Tamb ≤ Tmax. 77 77 90 dB ICC Supply Current, all Amp, no Load Tamb =25 oC Tmin. ≤ Tamb ≤ Tmax. 2.3 4.5 6 mA Vicm Input Common Mode Voltage Range Tamb =25 oC Tmin. ≤ Tamb ≤ Tmax. ±12 ±12 V CMR Common-mode Rejection Ratio (RS ≤ 10kΩ) Tamb =25 oC Tmin. ≤ Tamb ≤ Tmax. 70 70 90 dB Ios Output Short-circuit Current 10 20 40 mA Vo Output Voltage Swing Tamb =25 oCRL = 10k Ω RL =2k Ω Tmin. ≤ Tamb ≤ Tmax. RL = 10k Ω RL =2k Ω ±12 ±10 ±12 ±10 ±14 ±13 V SR Slew Rate (VI = ±10V, RL =2kΩ,CL = 100pF, Tamb =25oC, unity gain) 1.5 2.2 V/ µs tr Rise Time (VI = ±20mV, RL =2kΩ,CL = 100pF, Tamb =25oC, unity gain) 0.3 µs KOV Overshoot (VI = ±20 mV, RL =2kΩ,CL = 100pF, Tamb =25oC, unity gain) 15 % Ri Input Resistance 0.3 2 M Ω Ci Input Capacitance 1.4 pF RO Output Resistance 75 Ω B Unity Gain Bandwidth 2.8 MHz GBP Gain Bandwidth Product (VI = 10mV, RL =2k Ω,CL = 100pF, f = 100kHz, Tamb =25oC) 5.5 MHz THD Total Harmonic Distortion (f = 1kHz, Av = 20dB, RL =2k Ω,Vo =2Vpp,CL = 100pF, Tamb =25oC) 0.008 % en Equivalent Input Noise Voltage (f = 1kHz, Rs = 100 Ω)12 nV √ Hz VO1/VO2 Channel Separation 120 dB MC4558 3/7 |