| Moteur de recherche de fiches techniques de composants électroniques |
|
M9346-RBN6T Fiches technique(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M9346-RBN6T Fiches technique(HTML) 8 Page - STMicroelectronics |
|
8 / 34 page ![]() M93S66, M93S56, M93S46 8/34 Figure 4. READ, WRITE, WEN and WDS Sequences Note: For the meanings of An, Xn, Qn and Dn, see Table 2. and Table 3.. AI00889D 1 1 0 An A0 Qn Q0 DATA OUT D S Q S WRITE ADDR OP CODE 1 0An A0 DATA IN D Q OP CODE Dn D0 1 BUSY READY S WRITE ENABLE 1 0Xn X0 D OP CODE 1 01 S WRITE DISABLE 1 0Xn X0 D OP CODE 0 0 0 CHECK STATUS ADDR PRE READ PRE W PRE W PRE |