Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL10-M2KTN-R Fiches technique(PDF) 3 Page - PATLITE CORPORATION.

No de pièce SL10-M2KTN-R
Description  Flashing Beacons
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PATLITE [PATLITE CORPORATION.]
Site Internet  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

SL10-M2KTN-R Fiches technique(HTML) 3 Page - PATLITE CORPORATION.

  SL10-M2KTN-R Datasheet HTML 1Page - PATLITE CORPORATION. SL10-M2KTN-R Datasheet HTML 2Page - PATLITE CORPORATION. SL10-M2KTN-R Datasheet HTML 3Page - PATLITE CORPORATION. SL10-M2KTN-R Datasheet HTML 4Page - PATLITE CORPORATION. SL10-M2KTN-R Datasheet HTML 5Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
[3.Outer Dimensions]
[mm]
2
Case
PC
3
Cabtyre Cord
UL2464, PVC, M1JN : AWG22×5, M2JN : AWG18×2+AWG24×3
Drawing No.
Rev.
PC
Page
SL10-M1JN-
W18
G
Number
Name
Material ・ Specification
1
Globe
4
Terminal Block
LCP GF,
Applicable Wire Size Solid Wire : 0.13-1.5mm2 ,
Stranded Wire : AWG28-14
5
Mounting Bracket
PC
6
Waterproof Sheet
Silicone
■
SL10-M1KTN/SL10-M2KTN
■
SL10-M1KTB/SL10-M2KTB
5.7
M5
Screw Hole Thickness
of Mounting Bracket
Nominal
Diameter
Buzzer Opening
(Models with Buzzer Only)
Nameplate
Nameplate
φ
100
φ
100
3/5



Html Pages

1 2 3 4 5