| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8959 Fiches technique(PDF) 45 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8959 Fiches technique(HTML) 45 Page - Wolfson Microelectronics plc |
|
45 / 155 page ![]() Pre-Production WM8959 w PP, May 2008, Rev 3.1 45 The Input Mixer configuration is described for each of the three modes in the following sections. Note that the Left and Right multiplexer (mode) settings can be set independently. In Mixer Mode (AINLMODE=00, AINRMODE=00), adjustable gain control is available on the input mixers INMIXL and INMIXR for all available input signals (PGA outputs, line inputs and record paths). This configuration is illustrated in Figure 24. The applicable register settings are shown in Table 9. CONFIGURATION REGISTER SETTINGS 1. Select Mixer Mode AINLMODE = 00 Left Channel Mixer Mode (INMIXL to AINLMUX) 2. Enable input paths as required (see Table 5 and Table 12 for full definitions of the applicable settings listed here) L12MNB, L12MNBST LIN12VOL, LIN12MUTE L34MNB, L34MNBST LIN34VOL, LIN34MUTE LI2BVOL 1. Select Mixer Mode AINRMODE = 00 Right Channel Mixer Mode (INMIXR to AINRMUX) 2. Enable input paths as required (see Table 5 and Table 13 for full definitions of the applicable settings listed here) R12MNB, R12MNBST RIN12VOL, RIN12MUTE R34MNB, R34MNBST RIN34VOL, RIN34MUTE RI2BVOL Table 9 Mixer Mode Register Settings Figure 24 Mixer Mode Signal Paths |