Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SKH-M2JB-R Fiches technique(PDF) 3 Page - PATLITE CORPORATION.

No de pièce SKH-M2JB-R
Description  Rotating Beacons
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PATLITE [PATLITE CORPORATION.]
Site Internet  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

SKH-M2JB-R Fiches technique(HTML) 3 Page - PATLITE CORPORATION.

  SKH-M2JB-R Datasheet HTML 1Page - PATLITE CORPORATION. SKH-M2JB-R Datasheet HTML 2Page - PATLITE CORPORATION. SKH-M2JB-R Datasheet HTML 3Page - PATLITE CORPORATION. SKH-M2JB-R Datasheet HTML 4Page - PATLITE CORPORATION. SKH-M2JB-R Datasheet HTML 5Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
[3.Outer Dimensions]
[mm]
[mm]
・
Maximum Board Thickness:8
4
Terminal Block
LCP GF,
Applicable Wire Size Solid Wire : 0.13-1.5mm2 ,
Stranded Wire : AWG28-14
2
Case
PC
3
Cabtyre Cord
UL2464, PVC, M1J□ : AWG22×3, M2J□ : AWG18×2+AWG24×2
Number
Name
Material ・ Specification
1
Globe
PC
Page
SKH-M1J-
W18
H
Drawing No.
Rev.
Plain Washer(M5)
Nut(M5)
SUS
SUS
3 pcs.
3 pcs.
Accessory
■
SKH-M2JB
■
SKH-M1JB
Nameplate
φ
100
3-M5
(SUS)
From the cord outlet 500±30
From the cord outlet 500±30
φ
7.7
φ
7.7
Buzzer Opening
(Models with Buzzer Only)
■SKH-M1JB/SKH-M2JB
φ
100
Nameplate
3-M5
(SUS)
Buzzer Opening
(Models with Buzzer Only)
Nameplate
■SKH-M1TB/SKH-M2TB
3/5



Html Pages

1 2 3 4 5