Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD792 Fiches technique(PDF) 3 Page - LightGraphix

No de pièce LD792
Description  ADJUSTABLE COMPACT INTERIOR/EXTERIOR 2-TONE LED DOWNLIGHT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGHTGRAPHIX [LightGraphix]
Site Internet  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD792 Fiches technique(HTML) 3 Page - LightGraphix

  LD792 Datasheet HTML 1Page - LightGraphix LD792 Datasheet HTML 2Page - LightGraphix LD792 Datasheet HTML 3Page - LightGraphix LD792 Datasheet HTML 4Page - LightGraphix LD792 Datasheet HTML 5Page - LightGraphix LD792 Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 3 of 6 | Data sheet issued: 21 May 2026
LD792
Please refer to our finishes guide for full details
AVAILABLE FINISHES
The LD792 bezel is machined from aluminium and painted in-house at LightGraphix. Wet spray paint finishes are suitable for interior, exterior and high saline marine environments. Our
standard colours are below but we can accommodate any RAL request.
SATIN ANTIQUE BRASS
SATIN BRASS
ANTHRACITE GREY (RAL 7016)
WHITE (RAL 9016)
BLACK (RAL 9005)
SILVER ANODISED
ANTIQUE BRONZE
RAL
2-TONE PAINTING (BLACK BAFFLE FINISH OPTIONS)
As standard the inner baffle is supplied in a low glare matt black textured finish but can
also be painted in a colour of choice to offer complete design scheme flexibility. When
specifying your order codes and options, please indicate a bezel finish as well as inner
baffle colour. A fixed version of this product, the LD782 is available.
The outer baffle finish matches the bezel finish which can be seen when the product is
titled.
PAINT FINISH NOTE
Outer Baffle



Html Pages

1 2 3 4 5 6