| Moteur de recherche de fiches techniques de composants électroniques |
|
LD780 Fiches technique(PDF) 4 Page - LightGraphix |
|
|
|||||||||||||||||||||||||||||
LD780 Fiches technique(HTML) 4 Page - LightGraphix |
|
4 / 5 page ![]() T: +44 (0)1322 527 629 E: light@lightgraphix.co.uk www.lightgraphix.co.uk Page 4 of 5 | Data sheet issued: 21 May 2026 LD780 CEILING VOID REQUIREMENTS Installation requirements can vary but the minimum installation volume requirements must be adhered to. The volume of air within the void ensures that the thermal performance of the product is not compromised and that proper cooling of the LED can take place. The minimum void height is 70mm. LD150-E1-700 / LW30 / NB (10°) Distance (m) Cone Width (m) Luminance (lx) 3.0 2.5 2.0 1.5 1.0 0.5 0.62 0.52 0.41 0.31 0.21 0.10 750 1080 1688 3000 6751 27002 3.0 2.5 2.0 1.5 1.0 0.5 1.06 0.88 0.71 0.53 0.35 0.18 346 498 779 1384 3114 12456 LD150-E1-700 / LW30 / MB (19°) Distance (m) Cone Width (m) Luminance (lx) 3.0 2.5 2.0 1.5 1.0 0.5 1.97 1.64 1.32 0.99 0.66 0.33 114 164 256 455 1024 4095 LD150-E1-700 / LW30 / WB (34°) Distance (m) Cone Width (m) Luminance (lx) XHP35 3.0 2.5 2.0 1.5 1.0 0.5 2.70 / 0.74 2.25 / 0.61 1.80 / 0.49 1.35 / 0.37 0.90 / 0.25 0.45 / 0.12 190 274 428 761 1712 6846 LD150-E1-700 / LW30 / OB (15° x 49°) Distance (m) Cone Width (m) Luminance (lx) 3.0 2.5 2.0 1.5 1.0 0.5 3.06 2.55 2.04 1.53 1.02 0.51 55 79 124 220 496 1984 LD150-E1-700 / LW30 / WWB (54°) Distance (m) Cone Width (m) Luminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) LD150-E1-700 / LW30 / NB (10°) Distance (m) Cone Width (m) Luminance (lx) 3.0 2.5 2.0 1.5 1.0 0.5 0.62 0.52 0.41 0.31 0.21 0.10 750 1080 1688 3000 6751 27002 3.0 2.5 2.0 1.5 1.0 0.5 1.06 0.88 0.71 0.53 0.35 0.18 346 498 779 1384 3114 12456 LD150-E1-700 / LW30 / MB (19°) Distance (m) Cone Width (m) Luminance (lx) 3.0 2.5 2.0 1.5 1.0 0.5 1.97 1.64 1.32 0.99 0.66 0.33 114 164 256 455 1024 4095 LD150-E1-700 / LW30 / WB (34°) Distance (m) Cone Width (m) Luminance (lx) XHP35 3.0 2.5 2.0 1.5 1.0 0.5 2.70 / 0.74 2.25 / 0.61 1.80 / 0.49 1.35 / 0.37 0.90 / 0.25 0.45 / 0.12 190 274 428 761 1712 6846 LD150-E1-700 / LW30 / OB (15° x 49°) Distance (m) Cone Width (m) Luminance (lx) 3.0 2.5 2.0 1.5 1.0 0.5 3.06 2.55 2.04 1.53 1.02 0.51 55 79 124 220 496 1984 LD150-E1-700 / LW30 / WWB (54°) Distance (m) Cone Width (m) Luminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) LD150-E1-700 / LW30 / NB (10°) Distance (m) Cone Width (m) Luminance (lx) 3.0 2.5 2.0 1.5 1.0 0.5 0.62 0.52 0.41 0.31 0.21 0.10 750 1080 1688 3000 6751 27002 3.0 2.5 2.0 1.5 1.0 0.5 1.06 0.88 0.71 0.53 0.35 0.18 346 498 779 1384 3114 12456 LD150-E1-700 / LW30 / MB (19°) Distance (m) Cone Width (m) Luminance (lx) 3.0 2.5 2.0 1.5 1.0 0.5 1.97 1.64 1.32 0.99 0.66 0.33 114 164 256 455 1024 4095 LD150-E1-700 / LW30 / WB (34°) Distance (m) Cone Width (m) Luminance (lx) XHP35 3.0 2.5 2.0 1.5 1.0 0.5 2.70 / 0.74 2.25 / 0.61 1.80 / 0.49 1.35 / 0.37 0.90 / 0.25 0.45 / 0.12 190 274 428 761 1712 6846 LD150-E1-700 / LW30 / OB (15° x 49°) Distance (m) Cone Width (m) Luminance (lx) 3.0 2.5 2.0 1.5 1.0 0.5 3.06 2.55 2.04 1.53 1.02 0.51 55 79 124 220 496 1984 LD150-E1-700 / LW30 / WWB (54°) Distance (m) Cone Width (m) Luminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) LD150-E1-700 / LW30 / NB (10°) Distance (m) Cone Width (m) Luminance (lx) 3.0 2.5 2.0 1.5 1.0 0.5 0.62 0.52 0.41 0.31 0.21 0.10 750 1080 1688 3000 6751 27002 3.0 2.5 2.0 1.5 1.0 0.5 1.06 0.88 0.71 0.53 0.35 0.18 346 498 779 1384 3114 12456 LD150-E1-700 / LW30 / MB (19°) Distance (m) Cone Width (m) Luminance (lx) 3.0 2.5 2.0 1.5 1.0 0.5 1.97 1.64 1.32 0.99 0.66 0.33 114 164 256 455 1024 4095 LD150-E1-700 / LW30 / WB (34°) Distance (m) Cone Width (m) Luminance (lx) XHP35 3.0 2.5 2.0 1.5 1.0 0.5 2.70 / 0.74 2.25 / 0.61 1.80 / 0.49 1.35 / 0.37 0.90 / 0.25 0.45 / 0.12 190 274 428 761 1712 6846 LD150-E1-700 / LW30 / OB (15° x 49°) Distance (m) Cone Width (m) Luminance (lx) 3.0 2.5 2.0 1.5 1.0 0.5 3.06 2.55 2.04 1.53 1.02 0.51 55 79 124 220 496 1984 LD150-E1-700 / LW30 / WWB (54°) Distance (m) Cone Width (m) Luminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) CONE DIAGRAMS Medium Beam 500mA using a 26° optic Medium Beam 700mA using a 28° optic Narrow Spot Beam 500mA using a 12° optic Medium Spot Beam 700mA using a 21° optic 3.0 2.5 2.0 1.5 1.0 0.5 17515 4379 1946 1095 701 487 0.76 0.63 0.51 0.38 0.25 0.13 3.0 2.5 2.0 1.5 1.0 0.5 252 363 567 1008 2267 9068 1.14 0.95 0.76 0.57 0.38 0.19 3.0 2.5 2.0 1.5 1.0 0.5 146 210 329 584 1315 5258 1.43 1.19 0.95 0.71 0.48 0.24 3.0 2.5 2.0 1.5 1.0 0.5 151 218 341 606 1363 5451 1.52 1.27 1.01 0.76 0.51 0.25 E3 LED Engine Cone diagrams below are based on a 3000K E3 LED engine run at maximum output 500mA, 7W. Images below represent beam outputs when wall washing a 3m wall, spaced 125mm away from the lit surface. Photometric files (LDT) are included in the design pack which can be downloaded from the LD780 product page on the website. F1 LED Engine Cone diagrams below are based on a 3000K F1 LED engine run at maximum output 700mA, 7W. Images below represent beam outputs when wall washing a 3m wall, spaced 125mm away from the lit surface. Photometric files (LDT) are included in the design pack which can be downloaded from the LD780 product page on the website. LD150-E1-700 / LW30 / NB (10°) Distance (m) Cone Width (m) Luminance (lx) 3.0 2.5 2.0 1.5 1.0 0.5 0.62 0.52 0.41 0.31 0.21 0.10 750 1080 1688 3000 6751 27002 3.0 2.5 2.0 1.5 1.0 0.5 1.06 0.88 0.71 0.53 0.35 0.18 346 498 779 1384 3114 12456 LD150-E1-700 / LW30 / MB (19°) Distance (m) Cone Width (m) Luminance (lx) 3.0 2.5 2.0 1.5 1.0 0.5 1.97 1.64 1.32 0.99 0.66 0.33 114 164 256 455 1024 4095 LD150-E1-700 / LW30 / WB (34°) Distance (m) Cone Width (m) Luminance (lx) XHP35 3.0 2.5 2.0 1.5 1.0 0.5 2.70 / 0.74 2.25 / 0.61 1.80 / 0.49 1.35 / 0.37 0.90 / 0.25 0.45 / 0.12 190 274 428 761 1712 6846 LD150-E1-700 / LW30 / OB (15° x 49°) Distance (m) Cone Width (m) Luminance (lx) 3.0 2.5 2.0 1.5 1.0 0.5 3.06 2.55 2.04 1.53 1.02 0.51 55 79 124 220 496 1984 LD150-E1-700 / LW30 / WWB (54°) Distance (m) Cone Width (m) Luminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) LD150-E1-700 / LW30 / NB (10°) Distance (m) Cone Width (m) Luminance (lx) 3.0 2.5 2.0 1.5 1.0 0.5 0.62 0.52 0.41 0.31 0.21 0.10 750 1080 1688 3000 6751 27002 3.0 2.5 2.0 1.5 1.0 0.5 1.06 0.88 0.71 0.53 0.35 0.18 346 498 779 1384 3114 12456 LD150-E1-700 / LW30 / MB (19°) Distance (m) Cone Width (m) Luminance (lx) 3.0 2.5 2.0 1.5 1.0 0.5 1.97 1.64 1.32 0.99 0.66 0.33 114 164 256 455 1024 4095 LD150-E1-700 / LW30 / WB (34°) Distance (m) Cone Width (m) Luminance (lx) XHP35 3.0 2.5 2.0 1.5 1.0 0.5 2.70 / 0.74 2.25 / 0.61 1.80 / 0.49 1.35 / 0.37 0.90 / 0.25 0.45 / 0.12 190 274 428 761 1712 6846 LD150-E1-700 / LW30 / OB (15° x 49°) Distance (m) Cone Width (m) Luminance (lx) 3.0 2.5 2.0 1.5 1.0 0.5 3.06 2.55 2.04 1.53 1.02 0.51 55 79 124 220 496 1984 LD150-E1-700 / LW30 / WWB (54°) Distance (m) Cone Width (m) Luminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) LD150-E1-700 / LW30 / NB (10°) Distance (m) Cone Width (m) Luminance (lx) 3.0 2.5 2.0 1.5 1.0 0.5 0.62 0.52 0.41 0.31 0.21 0.10 750 1080 1688 3000 6751 27002 3.0 2.5 2.0 1.5 1.0 0.5 1.06 0.88 0.71 0.53 0.35 0.18 346 498 779 1384 3114 12456 LD150-E1-700 / LW30 / MB (19°) Distance (m) Cone Width (m) Luminance (lx) 3.0 2.5 2.0 1.5 1.0 0.5 1.97 1.64 1.32 0.99 0.66 0.33 114 164 256 455 1024 4095 LD150-E1-700 / LW30 / WB (34°) Distance (m) Cone Width (m) Luminance (lx) XHP35 3.0 2.5 2.0 1.5 1.0 0.5 2.70 / 0.74 2.25 / 0.61 1.80 / 0.49 1.35 / 0.37 0.90 / 0.25 0.45 / 0.12 190 274 428 761 1712 6846 LD150-E1-700 / LW30 / OB (15° x 49°) Distance (m) Cone Width (m) Luminance (lx) 3.0 2.5 2.0 1.5 1.0 0.5 3.06 2.55 2.04 1.53 1.02 0.51 55 79 124 220 496 1984 LD150-E1-700 / LW30 / WWB (54°) Distance (m) Cone Width (m) Luminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) LD150-E1-700 / LW30 / NB (10°) Distance (m) Cone Width (m) Luminance (lx) 3.0 2.5 2.0 1.5 1.0 0.5 0.62 0.52 0.41 0.31 0.21 0.10 750 1080 1688 3000 6751 27002 3.0 2.5 2.0 1.5 1.0 0.5 1.06 0.88 0.71 0.53 0.35 0.18 346 498 779 1384 3114 12456 LD150-E1-700 / LW30 / MB (19°) Distance (m) Cone Width (m) Luminance (lx) 3.0 2.5 2.0 1.5 1.0 0.5 1.97 1.64 1.32 0.99 0.66 0.33 114 164 256 455 1024 4095 LD150-E1-700 / LW30 / WB (34°) Distance (m) Cone Width (m) Luminance (lx) XHP35 3.0 2.5 2.0 1.5 1.0 0.5 2.70 / 0.74 2.25 / 0.61 1.80 / 0.49 1.35 / 0.37 0.90 / 0.25 0.45 / 0.12 190 274 428 761 1712 6846 LD150-E1-700 / LW30 / OB (15° x 49°) Distance (m) Cone Width (m) Luminance (lx) 3.0 2.5 2.0 1.5 1.0 0.5 3.06 2.55 2.04 1.53 1.02 0.51 55 79 124 220 496 1984 LD150-E1-700 / LW30 / WWB (54°) Distance (m) Cone Width (m) Luminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) Distance (m) Cone Width (m) Illuminance (lx) E3 LED Output current Minimum void dimension requirements (Lmm x Wmm x Hmm) Minimum void volume cm³ Litre(s) LD780-E3-350 120 x 120 x 70 1008cm³ 1 LD780-E3-500 200 x 200 x 70 2800cm³ 2.8 F1 LED Output current Minimum void dimension requirements (Lmm x Wmm x Hmm) Minimum void volume cm³ Litre(s) LD780-F1-350 120 x 120 x 70 1008cm³ 1 LD780-F1-500 140 x 140 x 70 1372cm³ 1.3 LD780-F1-700 200 x 200 x 70 2800cm³ 2.8 W L H |