| Moteur de recherche de fiches techniques de composants électroniques |
|
HSF1 Fiches technique(PDF) 13 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
HSF1 Fiches technique(HTML) 13 Page - Clarke International |
|
13 / 28 page ![]() 13 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com FEATURES OF THE MACHINE 1. Power-On LED When the power is switched on at the back of the machine the switch will be illuminated, as will the green ‘Power On’ LED. 2. Thermal overload LED If the duty cycle is exceeded as a result of welding for too long with a high current, the overload light will illuminate and the welder will turn off. When the welder has cooled down (approx. 5 to 10 minutes), the power will be restored and welding can recommence. 3. Digital voltage display meter • Displays selected output voltage the machine. 4. Welding voltage selector knob Adjusts the output voltage according to the welding task being performed. 5. Positive Output Terminal • Connect the electrode holder cable to the positive terminal 6. Negative Output Terminal • Connect the earth clamp cable to the negative terminal LOOSE ITEMS SUPPLIED INCLUDE: 7. Welding Mask • c/w handle, lenses & locking nuts for assembly 8. Welding electrode holder/cable 9. Wire Brush/chipping hammer 10.Earth Cable/clamp |