| Moteur de recherche de fiches techniques de composants électroniques |
|
NJW1201AFH2 Fiches technique(PDF) 14 Page - Nisshinbo Micro Devices Inc. |
|
|
|||||||||||||||||||||||||||||
NJW1201AFH2 Fiches technique(HTML) 14 Page - Nisshinbo Micro Devices Inc. |
|
14 / 30 page ![]() NJW1201A – 14 – TERMINAL DESCRIPTION No. SYMBOL FUNCTION EQUIVALENT CIRCUIT VOLTAGE 2 3 4 36 37 38 40 42 44 47 50 52 IN3A IN2A IN1A IN1B IN2B IN3B IN4B IN5B IN6B IN6A IN5A IN4A Ach Input3 Ach Input2 Ach Input1 Bch Input1 Bch Input2 Bch Input3 Bch Input4 Bch Input5 Bch Input6 Ach Input6 Ach Input5 Ach Input4 V+ / 2 5 6 13 15 17 22 34 35 MonOutA RecOutA BPF1 BPF3 OutA OutB RecOutB MonOutB Ach Monitor Output Ach Rec Output Filter 1 for DBB Filter 3 for DBB Ach Output Bch Output Bch Rec Output Bch Monitor Output V+ / 2 7 33 VOLInA VOLInB Ach 1 st Volume Input Bch 1 st Volume Input V+ / 2 8 10 12 28 30 32 TONEHA TONEM2A TONEB2A TONEB2B TONEM2B TONEHB Ach Treble(Tone) Filter Ach Middle(Tone) Filter 2 Ach Bass(Tone) Filter 2 Bch Bass(Tone) Filter 2 Bch Middle(Tone) Filter 2 Bch Treble(Tone) Filter V+ / 2 18.5k 31.5k 50 FB 9.3k 15.7k 4k (PIN.8,32) 5.4k (PIN.10.30) 1.7k (PIN.12.28) |