Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZTTCV Fiches technique(PDF) 2 Page - Advanced Crystal Technology

No de pièce ZTTCV
Description  SMD Resonators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACT [Advanced Crystal Technology]
Site Internet  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ZTTCV Fiches technique(HTML) 2 Page - Advanced Crystal Technology

  ZTTCV Datasheet HTML 1Page - Advanced Crystal Technology ZTTCV Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZTTCV SMD TAPE AND REEL / SOLDERING INFORMATION
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
Customer to specify : Frequency, Package Type and Size
Please note that all parameters can not necessarily be specified in the same device
http://www.actcrystals.com
ISO9001:2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
Issue: 7 C1r
Date: 10/10/05



Html Pages

1 2