Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACTZTACW Fiches technique(PDF) 2 Page - Advanced Crystal Technology

No de pièce ACTZTACW
Description  SMD Resonators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACT [Advanced Crystal Technology]
Site Internet  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTZTACW Fiches technique(HTML) 2 Page - Advanced Crystal Technology

  ACTZTACW Datasheet HTML 1Page - Advanced Crystal Technology ACTZTACW Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Customer to specify : Frequency, Package Type and Size
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
For quotations or further information please contact us at:
ZTACW SMD TAPE AND REEL / SOLDERING INFORMATION
Please note that all parameters can not necessarily be specified in the same device
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Issue : 7 C1r
Date : 28/09/05



Html Pages

1 2