Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACTZTACR Fiches technique(PDF) 2 Page - Advanced Crystal Technology

No de pièce ACTZTACR
Description  SMD Resonators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACT [Advanced Crystal Technology]
Site Internet  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTZTACR Fiches technique(HTML) 2 Page - Advanced Crystal Technology

  ACTZTACR Datasheet HTML 1Page - Advanced Crystal Technology ACTZTACR Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TAPE & REEL / SOLDERING INFORMATION (Standard reel quantity 3000 pieces.)
ACT ZTACR SMD Resonators
ISO9001:2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Issue : 8 C1r
Date : 28/09/05



Html Pages

1 2