Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACT-SMPV-6 Fiches technique(PDF) 3 Page - Advanced Crystal Technology

No de pièce ACT-SMPV-6
Description  Surface Mount VCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACT [Advanced Crystal Technology]
Site Internet  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT-SMPV-6 Fiches technique(HTML) 3 Page - Advanced Crystal Technology

  ACT-SMPV-6 Datasheet HTML 1Page - Advanced Crystal Technology ACT-SMPV-6 Datasheet HTML 2Page - Advanced Crystal Technology ACT-SMPV-6 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tape and Reel Dimensions (mm)
REELS OF 500PCS
EL
5.5
23
13
60
500
Qty/Reel
KM
8.0
24
330
10.8
14.8
1.5
11.5
DH
J
BC
AF
G
4.0
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
ACT-SMPV - 6 Surface Mount VCXO
Issue 2 D2
Date: 10/08/05
3 of 3



Html Pages

1 2 3