Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F10CMDCLFB Fiches technique(PDF) 43 Page - Renesas Technology Corp

No de pièce R5F10CMDCLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10CMDCLFB Fiches technique(HTML) 43 Page - Renesas Technology Corp

Back Button R5F10CMDCLFB Datasheet HTML 39Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 40Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 41Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 42Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 43Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 44Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 45Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 46Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 139 page
background image
RL78/D1A
2. PIN FUNCTIONS
R01DS0463EJ0120 Rev. 1.20
Page 43 of 135
Mar 31, 2026
(3/6)
Function
Name
I/O
Function
48-pin
64-pin
80-pin
100-pin
128-pin
R5F10CGx/
R5F10DGx
R5F10CLx/
R5F10DLx
R5F10CMx/
R5F10DMx
R5F10TPx/
R5F10DPx
R5F10DSx
TI10
Input
External count clock input/
capture trigger to 16-bit
timer 10 to 17
15
19
25
35
20, 15, 95
TI11
16
57, 20
74, 26
89, 14, 30, 36
21, 82, 117, 5
TI12
17
32, 21
40, 27
50, 37
22, 36, 35, 16
TI13
20
56, 25, 31
73, 31, 39
88, 71, 41, 49
34, 26, 60, 81
TI14
21, 30
30, 26, 42
38, 32, 54
48, 42, 64
27, 37, 52, 33
TI15
29
55, 41, 27, 29
72, 53, 33, 37
87, 63, 43, 47
28, 32, 51, 80
TI16
28
40
36, 34, 52
46, 44, 62
29, 38, 50, 31
TI17
27
54, 39, 22, 28
71, 51, 28, 35
86, 61, 38, 45
23, 30, 79, 49
TO10
Output 16-bit timer 10 to 17 output 15
19
25
35
20, 15, 95
TO11
16
57, 20
74, 26
89, 14, 30, 36
21, 82, 117, 5
TO12
17
32, 21
40, 27
50, 37
22, 36, 35, 16
TO13
20
56, 25, 31
73, 31, 39
88, 71, 41, 49
34, 26, 60, 81
TO14
21, 30
30, 26, 42
38, 32, 54
48, 42, 64
27, 37, 52, 33
TO15
29
55, 41, 27, 29
72, 53, 33, 37
87, 63, 43, 47
28, 32, 51, 80
TO16
28
40
36, 34, 52
46, 44, 62
29, 38, 50, 31
TO17
27
54, 39, 22, 28
71, 51, 28, 35
86, 61, 38, 45
23, 30, 79, 49
TI20
Input
External count clock input
/capture trigger to 16-bit
timer 20 to 27
13, 26
17, 38
21, 50
26, 60, 99
1, 48, 99, 17
TI21
14, 25, 41
53, 37, 18
70, 49, 22
100, 85, 59, 27 2, 47, 100, 78
TI22
18
23, 36
29, 48
39, 58, 98
24, 46, 98, 94
TI23
19, 24, 40
52, 35, 24
69, 47, 30
84, 57, 40
25, 45, 77, 93
TI24
−
−
24, 46
32, 56, 97
7, 44, 97, 92
TI25
39
51
68, 45, 23
83, 55, 31
6, 76, 43, 91
TI26
−
−
44
29, 54, 96
4, 42, 96, 90
TI27
38
50
67, 43
82, 53, 28
75, 3, 41, 89
TO20
Output 16-bit timer 20 to 27 output 13, 26
17, 38
21, 50
26, 60, 99
1, 48, 99, 17
TO21
14, 25, 41
53, 37, 18
70, 49, 22
100, 85, 59, 27 2, 47, 100, 78
TO22
18
23, 36
29, 48
39, 58, 98
24, 46, 98, 94
TO23
19, 24, 40
52, 35, 24
69, 47, 30
84, 57, 40
25, 45, 77, 93
TO24
−
−
24, 46
32, 56, 97
7, 44, 97, 92
TO25
39
51
68, 45, 23
83, 55, 31
6, 76, 43, 91
TO26
−
−
44
29, 54, 96
4, 42, 96, 90
TO27
38
50
67, 43
82, 53, 28
75, 3, 41, 89
SCK00
Input/
Output
Clock input/output for
CSI00
15
19, 30
46, 25, 38
56, 35, 48
20, 33, 44,10
SI00
Input
Serial data input to CSI00
16
20, 31
47, 26, 39
57, 36, 49
21, 34, 45, 11
SO00
Output Serial data output from
CSI00
17
21, 32
48, 27, 40
58, 37, 50
22, 35, 46, 12
SCK01
Input/
Output
Clock input/output for
CSI01
19, 28
40, 24
52, 30
62, 40
50, 25
SI01
Input
Serial data input to CSI01
18, 29
41, 23
53, 29
63, 39
51, 24
SO01
Output Serial data output from
CSI01
20, 30
42, 25
54, 31
64, 41
52, 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More