Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WME-3M2DFB Fiches technique(PDF) 8 Page - PATLITE CORPORATION.

No de pièce WME-3M2DFB
Description  Signal Tower
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PATLITE [PATLITE CORPORATION.]
Site Internet  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

WME-3M2DFB Fiches technique(HTML) 8 Page - PATLITE CORPORATION.

  WME-3M2DFB Datasheet HTML 1Page - PATLITE CORPORATION. WME-3M2DFB Datasheet HTML 2Page - PATLITE CORPORATION. WME-3M2DFB Datasheet HTML 3Page - PATLITE CORPORATION. WME-3M2DFB Datasheet HTML 4Page - PATLITE CORPORATION. WME-3M2DFB Datasheet HTML 5Page - PATLITE CORPORATION. WME-3M2DFB Datasheet HTML 6Page - PATLITE CORPORATION. WME-3M2DFB Datasheet HTML 7Page - PATLITE CORPORATION. WME-3M2DFB Datasheet HTML 8Page - PATLITE CORPORATION. WME-3M2DFB Datasheet HTML 9Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
[Wiring]
WME-□M2DFB
Recommended Fuse
Wire Type & Wire Gauge
Power Supply Wire(Gray, Black)…UL1015 / AWG18
Excluding Power Supply Wire(Gray, Black)
…
UL1061 / AWG24
※
The signal wire voltage is 24V DC.
NPN transistor
Fuse Ampere Ratings
250V / 1A (5×20mm Fast-Acting Glass Body Cartridge Fuse)
Drawing No.
Rev.
Page
WME-D-W18
D
8 / 9



Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com