Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WME-302DFB Fiches technique(PDF) 4 Page - PATLITE CORPORATION.

No de pièce WME-302DFB
Description  Signal Tower
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PATLITE [PATLITE CORPORATION.]
Site Internet  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

WME-302DFB Fiches technique(HTML) 4 Page - PATLITE CORPORATION.

  WME-302DFB Datasheet HTML 1Page - PATLITE CORPORATION. WME-302DFB Datasheet HTML 2Page - PATLITE CORPORATION. WME-302DFB Datasheet HTML 3Page - PATLITE CORPORATION. WME-302DFB Datasheet HTML 4Page - PATLITE CORPORATION. WME-302DFB Datasheet HTML 5Page - PATLITE CORPORATION. WME-302DFB Datasheet HTML 6Page - PATLITE CORPORATION. WME-302DFB Datasheet HTML 7Page - PATLITE CORPORATION. WME-302DFB Datasheet HTML 8Page - PATLITE CORPORATION. WME-302DFB Datasheet HTML 9Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
[General Specifications]
Remarks
・
Due to the characteristics of the LED elements,
 
a variation in difference of the color tone and brightness of every product may occur.
・
Power Consumption is the sum total of each LED Unit, Buzzer and Main unit power consumption.
 
Example) WME-3M2DFB-RYG Rated Power Consumption(Typ.)
 
0.8W(LED Unit Red)+0.9W(LED Unit Amber)+0.6W(LED Unit Green)
 
+0.9W(Buzzer)+0.3W(Main unit power consumption) = 3.5W
・
Model Number Configuration
・
Conforms to the CE Requirements
・
Conforms to the UKCA Requirements
Rated Power Consumption
Main unit power consumption /Standby Power Consumption : 0.3W
Outer Dimensions
Refer to the Outer Dimensions Drawing
Conformity Standards
UL 508, CSA-C22.2 No. 14
EMC Directive (EN 61000-6-4, EN 61000-6-2)
RoHS Directive (EN IEC 63000)
FCC Part15 SubpartB Class A
KC (KN 61000-6-4, KN 61000-6-2)
Low Voltage Directive(IEC/EN60947-5-1,EN62471)
Luminous Intensity (Typ.)
Red : 2000mcd Amber : 5200mcd Green : 3100mcd Blue : 1700mcd White : 8700mcd
Mass (Tolerance ±10%)
1tier : 0.35kg 2tiers : 0.44kg 3tiers : 0.53kg 4tiers : 0.62kg 5tiers : 0.71kg
Flashing Rate
60±2 Flashes Per Minute
Buzzer Sound
Sound Pressure Level (Typ.)
93dB
Environmental
Buzzer1 measured from the front direction of the buzzer opening at 1m
Buzzer1 : Rapid intermittent beep 1 / 2620Hz Buzzer2 : Rapid intermittent beep 2 / 2620Hz
Vibration Resistance
20m/s² (JIS C 60068-2-6)
Insulation Resistance
More than 1MΩ at 500VDC between live part and non-current carrying metallic part
Withstand Voltage
1500VAC applied for 1min between live part and non-current carrying metallic part without breaking insulation
Protection Rating
IP54 (IEC 60529)
Environmental Condition
Upright
Storage Ambient Humidity
Less than 90% (No condensation)
Mounting Location
Indoor Only
Mounting Direction
Upright
Upward
Downward
Horizontal
Operating Ambient Temperature
-10℃ to +50 ℃
Operating Ambient Humidity
Less than 90% (No condensation)
Storage Ambient Temperature
-15℃ to +55 ℃
1.3W
1.2W
Typ.
Inrush Current
Power Supply Wire
100V : 11A, Less than 2ms / 240V : Less than 25A, Less than 2ms
Signal Wire
-
29mA
5mA
6mA
1.0W
0.9W
Max.
1.1W
1.2W
0.9W
1.3W
20mA
35mA
35mA
0.8W
0.9W
0.6W
1.0W
White
Signal wire current
Typ.
22mA
26mA
15mA
29mA
Max.
26mA
35mA
Operating Voltage Range
90-250V AC (50/60Hz)
Signal Wire Current
/Power Consumption
Per LED Unit
Buzzer
Red
Amber
Green
Blue
Product Name
Signal Tower
Model
WME-□M2DFB
Rated Voltage
100-240V AC (50/60Hz)
Drawing No.
Rev.
Page
WME-D-W18
D
From top
to bottom
Model
Tiers
Rated
Voltage
Flashing
/Buzzer
LED Unit Color
WME
-
⇩
M2
D
FB
-
⇩
1
1Tier
FB
R
With Flashing/Buzzer
Red
2 2Tiers
Y Amber
3 3Tiers
G Green
M2 100-240V AC
C White
4 4Tiers
B
Blue
5 5Tiers
4 / 9



Html Pages

1 2 3 4 5 6 7 8 9