Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC_LAB Fiches technique(PDF) 11 Page - Wavelength Electronics, Inc.

No de pièce TC_LAB
Description  High Precision Temperature Controller— with IntelliTune®
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WAVELENGTH [Wavelength Electronics, Inc.]
Site Internet  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

TC_LAB Fiches technique(HTML) 11 Page - Wavelength Electronics, Inc.

Back Button TC_LAB Datasheet HTML 7Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 8Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 9Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 10Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 11Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 12Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 13Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 14Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 15Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
11
WIRE AN AUXILIARY THERMISTOR
SENSOR
15
14
AUX
Figure 11. Auxiliary Sensor Schematic
An auxiliary sensor can be used to monitor the temperature
of a secondary location in your system, such as the heatsink
temperature. To do this, wire a 10 kΩ thermistor to Pins 14 and
15. The sensor temperature reports on the Monitor Screen.
WIRE A TEC OR RH LOAD
Wire a thermoelectric controller (TEC) or a resistive heater
(RH) using Pins A1 and A2 on the 15+2 D-SUB.
TEC- (A2)
TEC+ (A1)
Figure 12. TEC Wiring Diagram
TEC- (A2)
TEC+ (A1)
Figure 13. RH Wiring Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29