Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QCL-LAB Fiches technique(PDF) 24 Page - Wavelength Electronics, Inc.

No de pièce QCL-LAB
Description  Low-Noise QCL Driver — Laboratory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WAVELENGTH [Wavelength Electronics, Inc.]
Site Internet  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

QCL-LAB Fiches technique(HTML) 24 Page - Wavelength Electronics, Inc.

Back Button QCL-LAB Datasheet HTML 16Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 17Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 18Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 19Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 20Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 21Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 22Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 23Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 24Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
24
WARRANTY & CERTIFICATION
CERTIFICATION
Wavelength Electronics, Inc. (Wavelength) certifies that this product
met its published specifications at the time of shipment. Wavelength
further certifies that its calibration measurements are traceable to
the United States National Institute of Standards and Technology, to
the extent allowed by that organization’s calibration facilities, and to
the calibration facilities of other International Standards Organization
members.
WARRANTY
This Wavelength product is warranted against defects in materials
and workmanship for a period of one (1) year from date of shipment.
During the warranty period, Wavelength will, at its option, either
repair or replace products which prove to be defective. Warranty is
void if label is removed from back panel.
WARRANTY SERVICE
For warranty service or repair, this product must be returned to the
factory. An RMA is required for products returned to Wavelength
for warranty service. The Buyer shall prepay shipping charges to
Wavelength and Wavelength shall pay shipping charges to return
the product to the Buyer upon determination of defective materials
or workmanship. However, the Buyer shall pay all shipping charges,
duties, and taxes for products returned to Wavelength from another
country.
LIMITATIONS OF WARRANTY
The warranty shall not apply to defects resulting from improper use or
misuse of the product or operation outside published specifications.
Warranty for the QCL instrument is invalid if the instrument cover
has been removed for any reason. No other warranty is expressed
or implied. Wavelength specifically disclaims the implied warranties
of merchantability and fitness for a particular purpose.
EXCLUSIVE REMEDIES
The remedies provided herein are the Buyer’s sole and exclusive
remedies. Wavelength shall not be liable for any direct, indirect,
special, incidental, or consequential damages, whether based on
contract, tort, or any other legal theory.
REVERSE ENGINEERING PROHIBITED
Buyer, End-User, or Third-Party Reseller are expressly prohibited
from reverse engineering, decompiling, or disassembling this
product.
NOTICE
The information contained in this document is subject to change
without notice. Wavelength will not be liable for errors contained
herein or for incidental or consequential damages in connection with
the furnishing, performance, or use of this material. No part of this
document may be translated to another language without the prior
written consent of Wavelength.
SAFETY
There are no user-serviceable parts inside this product. Return the
product to Wavelength Electronics for service and
repair to ensure that safety features are maintained.
LIFE SUPPORT POLICY
This important safety information applies to all Wavelength electrical
and electronic products and accessories:
As a general policy, Wavelength Electronics, Inc. does not
recommend the use of any of its products in life support applications
where the failure or malfunction of the Wavelength product can be
reasonably expected to cause failure of the life support device or
to significantly affect its safety or effectiveness. Wavelength will
not knowingly sell its products for use in such applications unless it
receives written assurances satisfactory to Wavelength that the risks
of injury or damage have been minimized, the customer assumes all
such risks, and there is no product liability for Wavelength. Examples
of devices considered to be life support devices are:
neonatal oxygen analyzers, nerve stimulators (for
any use), auto-transfusion devices, blood pumps,
defibrillators, arrhythmia detectors and alarms,
pacemakers, hemodialysis systems, peritoneal dialysis
systems, ventilators of all types, and infusion pumps as
well as other devices designated as “critical” by the FDA.
The above are representative examples only and are not
intended to be conclusive or exclusive of any
other life support device.
CALIBRATION INTERVAL
The customer is responsible for determining calibration intervals;
however, Wavelength Electronics recommends a calibration interval
of two (2) years, beginning from the original date of manufacture. The
instrument’s calibration can be influenced by temperature, humidity,
vibration and shock, as well as general wear over time. Extending
the calibration interval can lead to operation outside of specifications
and is not recommended.
TECHNICAL SUPPORT & CONTACT
INFORMATION
REVISION HISTORY
Document Number:
QCL1000-LA400
REVISION
DATE
NOTES
I
September 2019
Updated Analog Input settings
J
December 2023
Added Calibration Interval
WAVELE
nGTH
ELECTRONICS
51 Evergreen Drive
Bozeman, Montana 59771
406-587-4910 (tel)
406-587-4911 (fax)
Sales & Tech Support
sales@teamWavelength.com
techsupport@teamWavelength.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com