Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDTC-LAB Fiches technique(PDF) 18 Page - Wavelength Electronics, Inc.

No de pièce LDTC-LAB
Description  Laser Diode Driver & Temperature Controller — with IntelliTune®
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WAVELENGTH [Wavelength Electronics, Inc.]
Site Internet  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDTC-LAB Fiches technique(HTML) 18 Page - Wavelength Electronics, Inc.

Back Button LDTC-LAB Datasheet HTML 14Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 15Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 16Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 17Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 18Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 19Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 20Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 21Page - Wavelength Electronics, Inc. LDTC-LAB Datasheet HTML 22Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
18
The thermistor name includes the resistance at 25°C and the
bias current base selection. See the TCS Series datasheet
for the Resistance vs. Temperature charts and Steinhart-Hart
coefficients. The LDTC LAB auto-ranges the bias current by
default. The current level in the sensor name merely defines
the temperature range over which the sensor is calibrated.
To force a particular bias current, select it from the
Bias list.
Figure 27. Sensor Screen
DISPLAY SENSOR CALIBRATION
Press to display the calibration coefficients for
that sensor. User-defined sensor calibration
values can be edited remotely. Set up a custom
sensor using remote commands.
THERMISTOR:
Displays the Steinhart-Hart coefficients.
Figure 28. Thermistor Calibration Screen
RTD:
Displays the Standard Curve and the resistance at 0ºC.
Figure 29. RTD Calibration Screen
LINEAR VOLTAGE OR CURRENT
SENSOR:
Displays the slope and offset.
Figure 30. Linear Voltage Calibration Screen
Figure 31. Linear Current Calibration Screen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31