Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8D2ADDCAC Fiches technique(PDF) 49 Page - Renesas Technology Corp

No de pièce R7KA8D2ADDCAC
Description  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2ADDCAC Fiches technique(HTML) 49 Page - Renesas Technology Corp

Back Button R7KA8D2ADDCAC Datasheet HTML 45Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 46Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 47Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 48Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 49Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 50Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 51Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 52Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 292 page
background image
Table 2.5
I/O VIH, VIL of Schmitt trigger input pins (2 of 2)
Parameter
VCC/VCC2/
AVCC0/
VCC_USB
Symbol
Min
Typ
Max
Unit
Ports
5 V-tolerant
port*4*6
1.62 V or
above
VIH
VCC × 0.8
—
VCC + 3.6 (max 5.8)
V
VIL
—
—
VCC × 0.2
5 V-tolerant
port*2*6
1.62 V or
above
VIH
VCC2 × 0.8
—
VCC2 + 3.6 (max 5.8)
VIL
—
—
VCC2 × 0.2
Other VCC
input pins*5
1.62 V or
above
VIH
VCC × 0.8
—
—
VIL
—
—
VCC × 0.2
Other VCC2
input pins*5
1.62 V or
above
VIH
VCC2 × 0.8
—
—
VIL
—
—
VCC2 × 0.2
Other AVCC0
input pins*5
1.62 V or
above
VIH
AVCC0 × 0.8
—
—
VIL
—
—
AVCC0 × 0.2
Other
VCC_USB
input pins*5
1.62 V or
above
VIH
VCC_USB × 0.8
—
—
VIL
—
—
VCC_USB × 0.2
Other
VBATT_R input
pins when VCC
power supply is
selected*5
1.62 V or
above
VIH
VCC × 0.8
—
VCC
VIL
—
—
VCC × 0.2
Note 1. RES and peripheral function pins associated with P303, P407 to P413, P511, P512, P514, P515, P708 to P715 (total 21 pins).
Note 2. P204 and P205 (total 2 pins)
Note 3. All input pins except for the peripheral function pins already described in the table. There is an item for each power supply voltage
for each port. Refer to the IO chapter for the power supply of the port.
Note 4. P303, P407 to P413, P511, P512, P514, P515, P708 to P715 (total 20 pins).
Note 5. All input pins except for the ports already described in the table. There is an item for each power supply voltage for each port. Refer
to the IO chapter for the power supply of the port.
Note 6. When VCC or VCC2 is less than 1.62 V, the input voltage of 5 V-tolerant ports should be less than 3.6 V, otherwise breakdown may
occur because 5 V-tolerant ports are electrically controlled so as not to violate the break down voltage.
RA8D2 Datasheet
2. Electrical Characteristics
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 49 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com