Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8D2ADLCAC Fiches technique(PDF) 44 Page - Renesas Technology Corp

No de pièce R7KA8D2ADLCAC
Description  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2ADLCAC Fiches technique(HTML) 44 Page - Renesas Technology Corp

Back Button R7KA8D2ADLCAC Datasheet HTML 40Page - Renesas Technology Corp R7KA8D2ADLCAC Datasheet HTML 41Page - Renesas Technology Corp R7KA8D2ADLCAC Datasheet HTML 42Page - Renesas Technology Corp R7KA8D2ADLCAC Datasheet HTML 43Page - Renesas Technology Corp R7KA8D2ADLCAC Datasheet HTML 44Page - Renesas Technology Corp R7KA8D2ADLCAC Datasheet HTML 45Page - Renesas Technology Corp R7KA8D2ADLCAC Datasheet HTML 46Page - Renesas Technology Corp R7KA8D2ADLCAC Datasheet HTML 47Page - Renesas Technology Corp R7KA8D2ADLCAC Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 292 page
background image
2.1
Absolute Maximum Ratings
Table 2.1
Absolute maximum ratings
Parameter
Symbol
Value
Unit
Power supply voltage
VCC, VCC_DCDC*2
−0.3 to +4.0
V
VCC2
Standard Product
−0.3 to +4.0
V
SiP Product
−0.3 to +2.5
V
External power supply voltage
VCL
−0.3 to +1.2
V
VBATT power supply voltage
VBATT
−0.3 to +4.0
V
Input voltage (except for 5 V-tolerant ports *1)
Vin
−0.3 to VCC + 0.3,
−0.3 to VCC2 + 0.3,
−0.3 to VCC_USB + 0.3
or −0.3 to VBATT_R + 0.3
V
Input voltage (5 V-tolerant ports *1)
Vin
−0.3 to + VCC + 4.0 (max. 5.8)
or −0.3 to + VCC2 + 4.0 (max.
5.8)
V
Reference power supply voltage
VREFH/VREFH0
−0.3 to AVCC0 + 0.3
V
USBFS power supply voltage
VCC_USB
−0.3 to +4.0
V
USBHS power supply voltage
VCC_USBHS
−0.3 to +4.0
V
USBHS analog power supply voltage
AVCC_USBHS
−0.3 to +4.0
V
MIPI PHY analog power supply voltage
AVCC_MIPI
−0.3 to +4.0
V
MIPI PHY power supply voltage
VCC18_MIPI
−0.3 to +2.5
V
Analog power supply voltage
AVCC0
−0.3 to +4.0
V
Analog input voltage
VAN
−0.3 to AVCC0 + 0.3
V
Operating junction temperature *3 *4 *5
Topj
0 to 95
or −40 to +105
°C
Storage temperature
Tstg
−55 to +125
°C
Note 1. Ports P204, P205, P303, P407 to P413, P511, P512, P514, P515 and P708 to P715 are 5 V tolerant.
Note 2. Connect VCC_DCDC to VCC.
Note 3. See section 2.2.1. Tj/Ta Definition.
Note 4. Contact a Renesas Electronics sales office for information on derating operation when Tj = +95 °C to +125 °C. Derating is the
systematic reduction of load for improved reliability.
Note 5. The lower and upper limit of operating junction temperature depend on the product.
Caution: Permanent damage to the MCU might result if absolute maximum ratings are exceeded.
RA8D2 Datasheet
2. Electrical Characteristics
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 44 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com