Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LR5-101PJBW Fiches technique(PDF) 2 Page - PATLITE CORPORATION.

No de pièce LR5-101PJBW
Description  Signal Tower
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PATLITE [PATLITE CORPORATION.]
Site Internet  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LR5-101PJBW Fiches technique(HTML) 2 Page - PATLITE CORPORATION.

  LR5-101PJBW Datasheet HTML 1Page - PATLITE CORPORATION. LR5-101PJBW Datasheet HTML 2Page - PATLITE CORPORATION. LR5-101PJBW Datasheet HTML 3Page - PATLITE CORPORATION. LR5-101PJBW Datasheet HTML 4Page - PATLITE CORPORATION. LR5-101PJBW Datasheet HTML 5Page - PATLITE CORPORATION. LR5-101PJBW Datasheet HTML 6Page - PATLITE CORPORATION. LR5-101PJBW Datasheet HTML 7Page - PATLITE CORPORATION. LR5-101PJBW Datasheet HTML 8Page - PATLITE CORPORATION. LR5-101PJBW Datasheet HTML 9Page - PATLITE CORPORATION. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
No.1
No.2
No.3
No.4
Inrush Current
Power Supply Wire
Buzzer Unit:90mA (※1)
Buzzer Unit:250mA (※1)
Less than 90% RH (No Condensation)
Buzzer Unit : 0.3W
Body Unit : 0.1W
-20℃ ~ +50℃
Signal Wire Current
(
Per Unit)
LR5-□01□□□W
LED Unit : 1.1W
Buzzer Unit : 1.2W (※1)
LED Unit : none
12V DC
Rated Voltage ±10%
LED Unit:90mA
LED Unit:100mA
Buzzer Unit:none (Not exceeding Maximum Signal Wire Current Ratings) (※2)
Operating Voltage Range
SPECIFICATIONS
Signal Wire
LED Unit:none (※2)
LED Unit : 1W
1.General Specifications
Rated Voltage
Model
0.7A / Less than 15ms
Typ.
Typ.
Max.
EnvironmentalCondition
Operating Ambient Humidity
Max.
Mounting Direction
Standby Power Consumption
Mounting Location
Rated Power
Consumption
(
Per Unit)
Operating Ambient Temperature
Less than 90% RH (No Condensation)
-30℃ ~ +60℃
Buzzer Unit : 1.1W (※1)
Indoor Only
Storage Ambient Temperature
Storage Ambient Humidity
More than 1MΩ at 500VDC between live part and non-current carrying metallic part
60±2 Flashes Per Minute
Protection Rating
IP65(IEC 60529)(※3) / NEMA TYPE 4X,13
Upright
Upright
LR-501-
W18F-2_10
Setting
Insulation Resistance
Buzzer Sound
/Typical Frequency
Rapid intermittent beep / 3378Hz
500VAC applied for 1min Between live part and non-current carrying metallic part
without breaking insulation
Flashing Rate
EMC Directive (EN 61000-6-4, EN 61000-6-2)
FCC Part 15 Subpart B Class A
UL 508, CSA-C22.2 No. 14
UL Recognized Component (File No.E215660)
(※1)Environmental Condition :Buzzer sound No.2 Continuous beep sound
Due to the characteristics of the LED elements, a variation in difference of the color tone
and brightness of every product may occur
(※3)LJ Type IP54
(※2)When (Gray) power supply wire is not connected, inrush current of 0.7A will flow
through the signal wires.
Remarks
Conforms to the CE Requirements
Conforms to the UKCA Requirements
Refer to the 3.Outer Dimensions
Conformity Standards
Withstand Voltage
Depending on DIP Switch Settings
Refer to the 6.Buzzer Pattern Set-up
Rapid Hi-Lo / 2016Hz&3012Hz
Sweep sound / 1000Hz-4032Hz
KC (KN 61000-6-4, KN 61000-6-2)
RoHS Directive (EN IEC 63000)
Outer Dimensions
Continuous beep sound / 3378Hz
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10