Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LR6-3USBW Fiches technique(PDF) 5 Page - PATLITE CORPORATION.

No de pièce LR6-3USBW
Description  USB Signal Tower / Body Unit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PATLITE [PATLITE CORPORATION.]
Site Internet  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LR6-3USBW Fiches technique(HTML) 5 Page - PATLITE CORPORATION.

  LR6-3USBW Datasheet HTML 1Page - PATLITE CORPORATION. LR6-3USBW Datasheet HTML 2Page - PATLITE CORPORATION. LR6-3USBW Datasheet HTML 3Page - PATLITE CORPORATION. LR6-3USBW Datasheet HTML 4Page - PATLITE CORPORATION. LR6-3USBW Datasheet HTML 5Page - PATLITE CORPORATION. LR6-3USBW Datasheet HTML 6Page - PATLITE CORPORATION. LR6-3USBW Datasheet HTML 7Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Drawing No.
Rev.
Page
H
[Handling Precaution]
◆About handling this product
・This product (including software) is shipped only after undergoing strict quality controls and inspections. However, should you encounter any issues,
please contact your PATLITE sales representative.
・This product (software is included) is for the use of general office work, home and for personal use, it has been developed, designed and
manufactured for general applications, such as for industry, and it is not designed for applications which demands high safety requirements, such as
equipment or systems used in connection directly, or indirectly, with human life.Understand prior to use, that no responsibility is taken at our company
for damages or other disadvantages, due to customers using this product beyond the scope of its general application, or from any claims from third
parties.When using this product for applications in which equipment of higher reliability than the general application demands, such as a computer
system, etc., use suitable safety design countermeasures against system failure, etc.
・The suitability of this product in the system, with other machines and equipment, shall be tested and confirmed by the customer. We assume no
responsibility regarding this. Design safety into the system to cope with misoperation, misuse, going offline, and other unforeseen operation of this
product.
・We bear no responsibility for damages, lost opportunities, lost profits, compensation for accidents, or other costs including but not limited to
personnel, construction, transportation, and shipping costs, related to using this product. We bear no responsibility for defects in other products,
regardless of the other product's connection to this product (such as a communication line), or for the cost of repairing damages, losses, defects, or
recovering lost data related to using the other products, including but not limited to personnel, construction, transportation, and shipping costs.
・To improve the functionality in the software for this product, we will update the software at our own discretion. We bear no responsibility for the results
of software updates, such as damages, lost opportunities, lost profits, compensation for accidents, or other costs including but not limited to personnel,
construction, transportation, and shipping costs, related to using this product. We bear no responsibility for defects in other products, regardless of the
other product's connection to this product (such as a communication line), or for the cost of repairing damages, losses, defects, or recovering lost data
related to using other products, including but not limited to personnel, construction, transportation, and shipping costs.
・Note the following statements regarding the software for this product, which require prior written consent from PATLITE:
*Do not duplicate the software for this product.
*Do not alter, combine, reverse-engineer, decompile, or disassemble the software for this product.
*Do not license, rent, or resell the software for this product to a third party.
*Do not store the software of this product on a network so it can be transmitted to a third party.
*Do not remove the copyright notice or other trademark and company rights attached to the software for this product.
・Turn off the power when wiring, inspecting, or repairing this product. Failure to follow this instruction could result in equipment damage.
・Do not install in locations near fire, or environments with high temperature and humidity. Do not install this product where corrosive or flammable gas
is present.
・Do not install on an unstable surface. Failure to follow these instructions could result in injury or equipment damage.
・This product is rated for indoor use only. Please install and use this product indoors only.
・Avoid the following locations for installation of this product.
*Places exposed to direct sunlight.
*Places near fire or environments with high temperatures and humidity.
*Environments where temperature changes are severe, and where there is condensation.
*Environments with poor breathability and ventilation.
*Places where external vibrations are directly transmitted to this product.
*Environments where corrosive gas is present.
*Locations exposed to salty sea air.
*Locations near strong magnetic fields.
*Environments where there is dust, iron powder, and so on.
*Environments where chemicals and oil mist are present.
◆Installation
◆Things you should always do for your safety
・Do not clean this product with volatile chemicals such as benzine or thinners, or with chemical wiping cloths as it could damage the product.
・Please clean this product with a soft, dry cloth.
・If the dry cloth is unable to clean off any dirt and grime, wipe the product firmly with a slightly water-moistened cloth.
◆About maintenance
・Avoid spilling liquids (such as water or chemicals) into this product. Avoid dropping foreign metallic objects (such as copper wire) into this product.
Failure to follow these instructions could result in electric shock or equipment damage.
・Do not drop or hit this product. Failure to follow these instructions could result in electric shock or equipment damage.
・Do not apply too much force to switches and buttons on this product. Failure to follow this instruction could result in equipment damage.
5/7
LR6-USBW-W18



Html Pages

1 2 3 4 5 6 7