Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC10 LAB Fiches technique(PDF) 4 Page - Wavelength Electronics, Inc.

No de pièce TC10 LAB
Description  Ultra-Sensitive CO-LITES Detection at the Parts per Quadrillion Level
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WAVELENGTH [Wavelength Electronics, Inc.]
Site Internet  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

TC10 LAB Fiches technique(HTML) 4 Page - Wavelength Electronics, Inc.

  TC10 LAB Datasheet HTML 1Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 2Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 3Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 4Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Case Study CS-LDTC16 Rev. A
Page 4
© 2025 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Figure 5. Performance of CO-LITES sensor based on optimized MPC and QTF3. a) 2f signal of the CO-LITES sensor with
different CO concentrations. b) The linear relationship between 2f signal amplitude and CH
4 concentration. c) Allan variance
analysis for CO-LITES sensor. d) Continuous noise detection in the sensor and corresponding normal distribution.1
By achieving ppq-level sensitivity, researchers designed a
CO-LITES sensor that could revolutionize CO detection and
measuring applications in urban environmental monitoring,
semiconductor manufacturing, interplanetary exploration,
and human health assessment.
WAVELENGTH'S ROLE
In the CO-LITES gas sensing system, achieving ultra-high
sensitivity in the ppq level for CO detection relies heavily
on laser wavelength and output stability. Since the system
detects CO absorption at a narrow spectra line, any drift or
instability in wavelength could directly affect signal accuracy
and detection limits.
Researchers used the QCL1500 LAB quantum cascade
laser driver for its high precision control at low noise
levels. With the ability to maintain a narrow linewidth, the
QCL1500 LAB provided consistent laser current to the QCL
for maximum signal-to-noise ratio while minimizing jitter and
current inconsistencies.
Alongside the current control, the laser temperature also
required precise regulation as small temperature changes
can shift the laser's center wavelength. With the TC10 LAB
temperature controller, researchers could maintain the laser
temperature at 35ºC with stability as low as 0.0009ºC. This
ensured that the current modulation from the driver, not
thermal drift, changed the laser wavelength.
The QCL1500 LAB and TC10 LAB enabled consistent and
repeatable scans, maintaining constant current and stable
temperature to the QCL for ultra-sensitive CO detection
using the LITES design. These benchtop instruments with
intuitive touchscreens provided the high-performance
needed for this novel gas sensing system to achieve ppq
gas detection.



Html Pages

1 2 3 4 5