Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GF-CSBPM2-24 Fiches technique(PDF) 18 Page - ams-OSRAM AG

No de pièce GF-CSBPM2-24
Description  OSLON™ Square
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GF-CSBPM2-24 Fiches technique(HTML) 18 Page - ams-OSRAM AG

Back Button GF-CSBPM2-24 Datasheet HTML 14Page - ams-OSRAM AG GF-CSBPM2-24 Datasheet HTML 15Page - ams-OSRAM AG GF-CSBPM2-24 Datasheet HTML 16Page - ams-OSRAM AG GF-CSBPM2-24 Datasheet HTML 17Page - ams-OSRAM AG GF-CSBPM2-24 Datasheet HTML 18Page - ams-OSRAM AG GF-CSBPM2-24 Datasheet HTML 19Page - ams-OSRAM AG GF-CSBPM2-24 Datasheet HTML 20Page - ams-OSRAM AG GF-CSBPM2-24 Datasheet HTML 21Page - ams-OSRAM AG GF-CSBPM2-24 Datasheet HTML 22Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
GF CSBPM2.24
DATASHEET
DATASHEET
18 | Version 1.3 | 2025-07-11
Notes
The evaluation of eye safety occurs according to the standard IEC 62471:2006 (photo biological safety of
lamps and lamp systems). Within the risk grouping system of this IEC standard, the device specified in this
data sheet fall into the class low risk (exposure time 100 s). Under real circumstances (for exposure time,
conditions of the eye pupils, observation distance), it is assumed that no endangerment to the eye exists
from these devices. As a matter of principle, however, it should be mentioned that intense light sources
have a high secondary exposure potential due to their blinding effect. When looking at bright light sources
(e.g. headlights), temporary reduction in visual acuity and afterimages can occur, leading to irritation, annoy-
ance, visual impairment, and even accidents, depending on the situation.
Subcomponents of this device contain, in addition to other substances, metal filled materials including silver.
Metal filled materials can be affected by environments that contain traces of aggressive substances. There-
fore, we recommend that customers minimize device exposure to aggressive substances during storage,
production, and use. Devices that showed visible discoloration when tested using the described tests above
did show no performance deviations within failure limits during the stated test duration. Respective failure
limits are described in the IEC60810.
This device is designed for specific/recommended applications only. Please consult OSRAM Opto
Semiconductors Sales Staff in advance for detailed information on other non-recommended applications
(e.g. automotive).
Change management for this component is aligned with the requirements of the lighting market.
For further application related information please visit https://ams-osram.com/support/application-notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22