Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSR4550/50BO Fiches technique(PDF) 6 Page - Clarke International

No de pièce CSR4550/50BO
Description  4-SHELF BOLTLESS SHELVING UNITS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CLARKE [Clarke International]
Site Internet  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSR4550/50BO Fiches technique(HTML) 6 Page - Clarke International

  CSR4550/50BO Datasheet HTML 1Page - Clarke International CSR4550/50BO Datasheet HTML 2Page - Clarke International CSR4550/50BO Datasheet HTML 3Page - Clarke International CSR4550/50BO Datasheet HTML 4Page - Clarke International CSR4550/50BO Datasheet HTML 5Page - Clarke International CSR4550/50BO Datasheet HTML 6Page - Clarke International CSR4550/50BO Datasheet HTML 7Page - Clarke International CSR4550/50BO Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
7. Insert the plastic end caps (G) into
the end of each corner post (A).
We recommend that the racking be secured to an adjacent wall using typical
wall insert plugs and screws (not supplied) aligned with the assembly slots in
the corner posts.
The two units can be used as free-standing shelves either individually or
together, also standing either in-line or at right angles.
GENERAL SAFETY RULES
1. Always maintain equipment in good condition for the best/safest
performance.
2. Never exceed the maximum load for these shelving units as stated in the
specification.
3. Never use these units if they are damaged.
4. Always load small, stable items on the top shelves, heavier and bulky items
should be stored on the lower shelves.
5. Always distribute heavy loads evenly across the shelves.
Please keep these instructions in a safe place for future reference.



Html Pages

1 2 3 4 5 6 7 8