| Moteur de recherche de fiches techniques de composants électroniques |
|
CSM5265/60LG Fiches technique(PDF) 5 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
CSM5265/60LG Fiches technique(HTML) 5 Page - Clarke International |
|
5 / 12 page ![]() 5 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com ASSEMBLY INSTRUCTIONS TOOLS REQUIRED • Rubber mallet or hammer • Protective cloth/wood block ASSEMBLY The tabs of the beams will often enter the slots fully using just firm hand pressure but if they are too tight, you may require a rubber mallet to assist. If so, always use a cloth to protect the product paint finish. Tap gently with the mallet to drive the tabs of the beams fully into the slots in the post. Always strike the edge close to the post. 1. Use the short beams to connect the front and rear posts together. NOTE: The short and long beams should be installed with the recessed edge uppermost to retain the shelf. • Repeat this again to create the other end assembly, making sure that the corresponding beams are at the same height. 2. Ensure the tabs lie flat against the surface of the post. |