| Moteur de recherche de fiches techniques de composants électroniques |
|
CSF2 Fiches technique(PDF) 3 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
CSF2 Fiches technique(HTML) 3 Page - Clarke International |
|
3 / 4 page ![]() 3 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com 3. We recommend the use of a suitable thermometer to monitor the temperature and avoid damage to the components due to overheating. 4. Never place the fan on an unprotected surface if the fan base is still hot. 5. Do not move the fan when in use unless in an emergency. In this case remember to wear gloves to protect against burns or injury from the rotating blades. 6. Keep loose items such as loose fabrics away from the fan when in use. 7. Ensure that children and pets are supervised around the stove and the stove fan. • The fan will start working when the sensor reaches 50oC. Thereafter, the fan will spin faster as the temperature increases and will slow down as it decreases. Once all the fuel has burnt the fan base will cool down along with the stove. ENVIRONMENTAL PROTECTION Do not dispose of this product with general household waste at the end of its life. This product contains valuable raw materials and should be disposed of appropriately at a recognized disposal facility. GUARANTEE This product is guaranteed against faulty manufacture for a period of 12 months from the date of purchase. Please keep your receipt which will be required as proof of purchase. This guarantee is invalid if the product is found to have been abused or tampered with in any way, or not used for the purpose for which it was intended. Faulty goods should be returned to their place of purchase, no product can be returned to us without prior permission. This guarantee does not effect your statutory rights. |