Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP2012EC Fiches technique(PDF) 4 Page - Kingbright Corporation

No de pièce AP2012EC
Description  2.0x1.25mm SMD CHIP LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AP2012EC Fiches technique(HTML) 4 Page - Kingbright Corporation

  AP2012EC Datasheet HTML 1Page - Kingbright Corporation AP2012EC Datasheet HTML 2Page - Kingbright Corporation AP2012EC Datasheet HTML 3Page - Kingbright Corporation AP2012EC Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPEC NO: DSAA4049
REV NO: V.4
DATE: MAR/18/2005
PAGE: 4 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: Y.W.WANG
ERP:1203000098
AP2012EC
Recommended Soldering Pattern
(Units : mm)
Tape Specifications
(Units : mm)
Remarks:
If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical
accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.



Html Pages

1 2 3 4