| Moteur de recherche de fiches techniques de composants électroniques |
|
ACTF4010 Fiches technique(PDF) 1 Page - Advanced Crystal Technology |
|
|
|||||||||||||||||||||||||||||
ACTF4010 Fiches technique(HTML) 1 Page - Advanced Crystal Technology |
|
1 / 3 page ![]() Tel : +44 118 979 1238 Fax : +44 118 979 1283 Email: info@actcrystals.com In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice. ISO9001: 2000 Registered - Registration number 6830/2 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK http://www.actcrystals.com The ACTF4010/480.0/QCC8C is a one channel IF filter for DSB receivers with constant group delay 1.Package Dimension (QCC8C) 2. 3.Equivalent LC Model Pin Connection 2 Input 1 Input Ground 6 Output 5 Output Ground 3, 7 To be Grounded 4,8 Case Ground Sign Data (unit: mm) Sign Data (unit: mm) A 2.08 E 1.20 B 0.60 F 1.35 C 1.27 G 5.00 D 2.54 H 5.00 Issue : 1 C1 Date : SEPT 04 |
Numéro de pièce similaire - ACTF4010 |
|
Description similaire - ACTF4010 |