| Moteur de recherche de fiches techniques de composants électroniques |
|
DLS200AL Fiches technique(PDF) 3 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
DLS200AL Fiches technique(HTML) 3 Page - Clarke International |
|
3 / 16 page ![]() Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com 3 GENERAL SAFETY PRECAUTIONS • NEVER direct the spray towards any person or animal. • NEVER direct the spray towards electrical wiring or equipment. • NEVER hold your finger over the high pressure nozzle. • NEVER allow children to use this machine. • NEVER operate the machine with any of the covers removed. • NEVER attempt any repairs to this machine unless you are properly qualified. • NEVER supply any liquid other than water to the water inlet. • NEVER use the chemical injection facility to introduce solvents, e.g. paint thinners, petrol, oil etc. • When making a connection directly to the water mains supply you must ensure that it incorporates a device suitable to prevent liquids syphoning back from the power washer into the mains pipework. • After the engine has been stopped and the water supply turned off, but before disconnecting any hose or accessory, ALWAYS release any residual pressure in the system by operating the trigger. • ALWAYS keep the machine itself dry and well clear of water spray. • When not in use, ALWAYS disconnect from the water supply, and ensure the system is completely drained. Store in a cool dry location. • When using the chemical injection facility, use only the chemical cleaning agents (detergents) that are approved for power washers. CLARKE Traffic Film Remover or CLARKE Wash and WAX (available from your dealer), is recommended. WARNING: WATER AT HIGH PRESSURE CAN BE DANGEROUS AND CAN CAUSE DAMAGE TO PERSONS OR PROPERTY IF THE OPERATOR IS CARELESS. NEVER ALLOW ANYONE TO OPERATE THIS EQUIPMENT UNLESS THEY ARE THOROUGHLY RELIABLE, AND FAMILIAR WITH THE SAFETY PRECAUTIONS. |