Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2AFDCAC Fiches technique(PDF) 86 Page - Renesas Technology Corp

No de pièce R7KA8M2AFDCAC
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAC Fiches technique(HTML) 86 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAC Datasheet HTML 82Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 83Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 84Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 85Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 86Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 87Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 88Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 89Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 295 page
background image
Table 2.39
Operating current (Analog) (1 of 2)
Parameter
Symbol
Typ
Max
Unit
Test conditions
95
°C
105
°C
125
°C
Supply
current*1
Oscillator
Main clock oscillator
ICC
0.65
—
—
—
mA
MOMCR.MODRV0
[2:0] = 000b
0.76
—
—
—
mA
MOMCR.MODRV0
[2:0] = 011b
0.88
—
—
—
mA
MOMCR.MODRV0
[2:0] = 101b
Analog power
supply current
During 16-bit A/D
conversion
SAR
mode,
Oversampl
ing mode
and Hybrid
mode
AICC
2.4
3.2
3.2
3.2
mA
—
During 16-bit A/D
conversion with S/H
amp
SAR mode
and Hybrid
mode
3.9
5.1
5.1
5.1
mA
—
ACMPHS(1unit)
99
192
192
192
μA
—
Temperature sensor
0.1
0.2
0.2
0.2
mA
—
During D/A conversion (per unit)
1.2
1.6
1.6
1.6
mA
—
Waiting for A/D, D/A conversion
(all units)
3.4
4.1
4.1
4.1
mA
—
ADC16H, DAC12 in standby
modes (all units)*2
1
16.0
22.4
42
μA
—
Reference power
supply current
(VREFH0)
During 16-bit A/D
conversion (unit 0)
SAR mode AIREFH0
70
120
120
120
μA
—
Oversampl
ing mode
and Hybrid
mode
200
310
310
310
μA
Waiting for 16-bit A/D conversion
(unit 0)
14.00 14.00 14.00 14.00 μA
—
ADC16H in standby modes (unit
0)
0.01
0.1
0.1
0.2
μA
—
Reference power
supply current
(VREFH)
During 16-bit A/D
conversion (unit 1)
SAR mode AIREFH
70
120
120
120
μA
—
Oversampl
ing mode
and Hybrid
mode
200
310
310
310
μA
—
During D/A conversion (per unit)
29
41.0
41.0
41.0
μA
—
Waiting for 16-bit A/D (unit 1),
D/A (all units) conversion
14
14
14
14
μA
—
ADC16H in standby modes (unit
1)
0.1
0.1
0.2
0.3
μA
—
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 86 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com