Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2ADECHC Fiches technique(PDF) 45 Page - Renesas Technology Corp

No de pièce R7KA8M2ADECHC
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECHC Fiches technique(HTML) 45 Page - Renesas Technology Corp

Back Button R7KA8M2ADECHC Datasheet HTML 41Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 42Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 43Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 44Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 45Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 46Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 47Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 48Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 295 page
background image
Table 2.4
I/O VIH, VIL except for Schmitt trigger input pins (2 of 2)
Parameter
VCC/VCC2/
AVCC0/
VCC_USB
Symbol
Min
Typ
Max
Unit
Peripheral function
pin
ESWM*9
2.30 to 3.60 V
VIH
VCC × 0.7
—
—
V
VIL
—
—
VCC × 0.3
VIH
VCC2 × 0.7
—
—
VIL
—
—
VCC2 × 0.3
ESWM (MII)*10,
ESWM
(RMII)*11
2.70 to 3.60 V
VIH
2.3
—
—
VIL
—
—
VCC × 0.2
ESWM
(GMII)*10,
ESWM
(RGMII)*12
3.00 to 3.60 V
VIH
2
—
—
VIL
—
—
0.8
2.30 to 2.70 V
VIH
1.7
—
—
VIL
—
—
0.7
IIC (SMBus)*7
2.70 V or
above
VIH
2.1
—
VCC + 3.6 (max 5.8)
VIL
—
—
0.8
IIC (SMBus)*8
2.70 V or
above
VIH
2.1
—
VCC2 + 3.6 (max 5.8)
VIL
—
—
0.8
I3C (SMBus)
2.70 V or
above
VIH
2.1
—
VCC + 0.3
VIL
—
—
0.8
RTCIC0,
RTCIC1,
RTCIC2, when
VCC power
supply is
selected
1.62 V or
above
VIH
0.9
—
3.9
VIL
—
—
0.3
RTCIC0, RTCIC1, RTCIC2 when
VBATT power supply is selected
VIH
0.9
—
3.9
VIL
—
—
0.3
EXCIN when
VCC power
supply is
selected
1.62 V or
above
VIH
0.9
—
VCC
VIL
—
—
0.3
EXCIN when VBATT power
supply is selected
VIH
0.9
—
VBATT
VIL
—
—
0.3
Note 1. SPI0_B, SPI0_C and SPI1_B
Note 2. SPI0_A, SPI1_A
Note 3. SD_A ch0, SD_B ch0, SD_C ch0 and SD_B ch1
Note 4. SD_A ch1
Note 5. MMC_A ch0, MMC_B ch0, MM_C ch0 and MMC_B ch1
Note 6. MMC_A ch1
Note 7. IIC0_A, IIC0_B, IIC1_A, IIC2_A and IIC2_B
Note 8. IIC1_B
Note 9. GPTP_CAPTUREn, ETn_LINKSTA, ETn_MDIO and ETn_INT (n = 0, 1)
Note 10. ETn_RX_CLK, ETn_RX_DV, ETn_RXD7 to ETn_RXD0, ETn_RX_ER and ETn_TX_CLK (n = 0, 1)
Note 11. RMIIn_REF50CK, RMIIn_CRS_DV, RMIIn_RXD1 to RMIIn_RXD0 and RMIIn_RX_ER (n = 0, 1)
Note 12. RGMIIn_RXC, RGMIIn_RX_CTL and RGMIIn_RXD3 to RGMIIn_RXD0 (n = 0, 1)
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 45 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com