Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2ADDCAC Fiches technique(PDF) 44 Page - Renesas Technology Corp

No de pièce R7KA8M2ADDCAC
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADDCAC Fiches technique(HTML) 44 Page - Renesas Technology Corp

Back Button R7KA8M2ADDCAC Datasheet HTML 40Page - Renesas Technology Corp R7KA8M2ADDCAC Datasheet HTML 41Page - Renesas Technology Corp R7KA8M2ADDCAC Datasheet HTML 42Page - Renesas Technology Corp R7KA8M2ADDCAC Datasheet HTML 43Page - Renesas Technology Corp R7KA8M2ADDCAC Datasheet HTML 44Page - Renesas Technology Corp R7KA8M2ADDCAC Datasheet HTML 45Page - Renesas Technology Corp R7KA8M2ADDCAC Datasheet HTML 46Page - Renesas Technology Corp R7KA8M2ADDCAC Datasheet HTML 47Page - Renesas Technology Corp R7KA8M2ADDCAC Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 295 page
background image
2.2.2
I/O VIH, VIL
Table 2.4
I/O VIH, VIL except for Schmitt trigger input pins (1 of 2)
Parameter
VCC/VCC2/
AVCC0/
VCC_USB
Symbol
Min
Typ
Max
Unit
Peripheral function
pin
EXTAL
(external clock
input), WAIT,
SPI*1 (except
RSPCK)
1.62 V or
above
VIH
VCC × 0.8
—
—
V
VIL
—
—
VCC × 0.2
SPI*2 (except
RSPCK)
1.62 V or
above
VIH
VCC2 × 0.8
—
—
VIL
—
—
VCC2 × 0.2
OSPI (except
OM_0_RSTO1,
OM_0_ECSINT
1,
OM_1_RSTO1
and
OM_1_ECSINT
1)
2.70 V or
above
VIH
VCC2 × 0.8
—
—
VIL
—
—
VCC2 × 0.2
1.62 to 2.00V
VIH
VCC2 × 0.7
—
VCC2 + 0.3
VIL
VSS − 0.3
—
VCC2 × 0.3
SD*3
2.70 V or
above
VIH
VCC × 0.625
—
VCC + 0.3
VIL
VSS − 0.3
—
VCC × 0.25
1.70 to 1.95 V
VIH
1.27
—
2
VIL
VSS − 0.3
—
0.58
SD*4
2.70 V or
above
VIH
VCC2 × 0.625
—
VCC2 + 0.3
VIL
VSS − 0.3
—
VCC2 × 0.25
1.70 to 1.95 V
VIH
1.27
—
2
VIL
VSS − 0.3
—
0.58
MMC*5
2.70 V or
above
VIH
VCC × 0.625
—
VCC + 0.3
VIL
VSS − 0.3
—
VCC × 0.25
1.70 to 1.95 V
VIH
VCC × 0.65
—
VCC + 0.3
VIL
VSS − 0.3
—
VCC × 0.35
MMC*6
2.70 V or
above
VIH
VCC2 × 0.625
—
VCC2 + 0.3
VIL
VSS − 0.3
—
VCC2 × 0.25
1.70 to 1.95 V
VIH
VCC2 × 0.65
—
VCC2 + 0.3
VIL
VSS − 0.3
—
VCC2 × 0.35
D00 to D19,
TMS, TDI,
SWDIO
1.62 V or
above
VIH
VCC × 0.7
—
—
VIL
—
—
VCC × 0.3
D20 to D31
1.62 V or
above
VIH
VCC2 × 0.7
—
—
VIL
—
—
VCC2 × 0.3
DQ00 to DQ19
3.00 V or
above
VIH
VCC × 0.7
—
—
VIL
—
—
VCC × 0.3
DQ20 to DQ31
3.00 V or
above
VIH
VCC2 × 0.7
—
—
VIL
—
—
VCC2 × 0.3
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 44 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com