Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2ADDCAB Fiches technique(PDF) 84 Page - Renesas Technology Corp

No de pièce R7KA8M2ADDCAB
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADDCAB Fiches technique(HTML) 84 Page - Renesas Technology Corp

Back Button R7KA8M2ADDCAB Datasheet HTML 80Page - Renesas Technology Corp R7KA8M2ADDCAB Datasheet HTML 81Page - Renesas Technology Corp R7KA8M2ADDCAB Datasheet HTML 82Page - Renesas Technology Corp R7KA8M2ADDCAB Datasheet HTML 83Page - Renesas Technology Corp R7KA8M2ADDCAB Datasheet HTML 84Page - Renesas Technology Corp R7KA8M2ADDCAB Datasheet HTML 85Page - Renesas Technology Corp R7KA8M2ADDCAB Datasheet HTML 86Page - Renesas Technology Corp R7KA8M2ADDCAB Datasheet HTML 87Page - Renesas Technology Corp R7KA8M2ADDCAB Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 295 page
background image
Table 2.35
Coremark and normal mode current, CPU0 Deep Sleep, CPU1 active. (DCDC mode and External VDD
mode) (2 of 2)
Parameter
Symbol Typ
Max
Uni
t
Test conditions
95 °C 105
°C
125
°C
Supply
current*1
*2
CPUCLK1 =
200 MHz
VSCR_1
VCL =
voltage
range 1
Coremark
Cache on
IDD
226 —
—
—
μA/
MH
z
CPU0 = Deep Sleep
ESWM power domain off
CPUCLK0 = 600 MHz,
MRICLK = 200 MHz, MRPCLK
= 25 MHz, ICLK = 200 MHz,
PCLKA = 25 MHz, PCLKB =
25 MHz, PCLKC = 25 MHz,
PCLKD = 25 MHz, PCLKE =
25 MHz, BCLK = 25MHz
Cache off,
executing from
ITCM
208 —
—
—
Cache off,
executing from
SRAM
205 —
—
—
Cache off,
executing from
MRAM
289 —
—
—
Normal
mode
All peripheral
disabled, Cache
on, while (1) code
213 —
—
—
All peripheral
disabled, Cache
off, while (1) code
executing from
MRAM
287 —
—
—
CPUCLK1 =
150 MHz
VSCR_2
VCL =
voltage
range 2
Coremark
Cache on
265 —
—
—
μA/
MH
z
CPU0 = Deep Sleep
ESWM power domain off
CPUCLK0 = 600 MHz,
MRICLK = 150 MHz, MRPCLK
= 9.4 MHz, ICLK = 150 MHz,
PCLKA = 9.4 MHz, PCLKB =
9.4 MHz, PCLKC = 9.4 MHz,
PCLKD = 9.4 MHz, PCLKE =
9.4 MHz, BCLK = 9.4 MHz
Cache off,
executing from
ITCM
247 —
—
—
Cache off,
executing from
SRAM
244 —
—
—
Cache off,
executing from
MRAM
326 —
—
—
Normal
mode
All peripheral
disabled, Cache
on, while (1) code
252 —
—
—
All peripheral
disabled, Cache
off, while (1) code
executing from
MRAM
324 —
—
—
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. Supply of the clock signal to peripherals is stopped in this state. This does not include the BGO operation.
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 84 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com