| Moteur de recherche de fiches techniques de composants électroniques |
|
ACTF374 Fiches technique(PDF) 1 Page - Advanced Crystal Technology |
|
|
|||||||||||||||||||||||||||||
ACTF374 Fiches technique(HTML) 1 Page - Advanced Crystal Technology |
|
1 / 3 page ![]() Tel : +44 118 979 1238 Fax : +44 118 979 1283 Email: info@actcrystals.com In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice. ISO9001: 2000 Registered - Registration number 6830/2 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK http://www.actcrystals.com The ACTF374/374.0/TO39-2 is a low-loss, compact, and economical surface-acoustic-wave (SAW) filter in a low-profile metal TO-39 case for Wireless LAN applications. 1. Package Dimension (TO-39) 2. 3. Matching Network (50 Ω Unbalanced) Pin Configuration 1 Input / Output 2 Output / Input 3 Case Ground Dimension Data (unit: mm) A 9.30±0.20 B 5.08±0.10 C 3.40±0.20 D 3±0.20 ⁄ 5±0.20 E 0.45±0.20 Issue : 1 C1 Date : SEPT 04 |
Numéro de pièce similaire - ACTF374 |
|
Description similaire - ACTF374 |