Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

301250014 Fiches technique(PDF) 95 Page - ams-OSRAM AG

No de pièce 301250014
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301250014 Fiches technique(HTML) 95 Page - ams-OSRAM AG

Back Button 301250014 Datasheet HTML 91Page - ams-OSRAM AG 301250014 Datasheet HTML 92Page - ams-OSRAM AG 301250014 Datasheet HTML 93Page - ams-OSRAM AG 301250014 Datasheet HTML 94Page - ams-OSRAM AG 301250014 Datasheet HTML 95Page - ams-OSRAM AG 301250014 Datasheet HTML 96Page - ams-OSRAM AG 301250014 Datasheet HTML 97Page - ams-OSRAM AG 301250014 Datasheet HTML 98Page - ams-OSRAM AG 301250014 Datasheet HTML 99Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 109 page
background image
Dragster
Pin description
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
95 / 109
/
Table 41: Connector 2 pinout
Pin number
Pin name
Pin type(1)
1
VSSD
GND
2
LVAL_EF_1
DO
3
Not connected
DO
4
Bit_11_Tap_A1
DO
5
Bit_10_Tap_A1
DO
6
Bit_09_Tap_A1
DO
7
Bit_08_Tap_A1
DO
8
Bit_07_Tap_A1
DO
9
Bit_06_Tap_A1
DO
10
Bit_05_Tap_A1
DO
11
Bit_04_Tap_A1
DO
12
Bit_03_Tap_A1
DO
13
Bit_02_Tap_A1
DO
14
Bit_01_Tap_A1
DO
15
Bit_00_Tap_A1
DO
16
VSSD
GND
17
Not connected
18
Not connected
19
Not connected
20
Not connected
21
Not connected
22
Not connected
23
Not connected
24
Not connected
25
Not connected
26
Not connected
27
Not connected
28
Not connected
29
Not connected
30
Not connected
31
VSSD
GND
32
Not connected
33
Not connected
34
Not connected
35
Not connected
36
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More