| Moteur de recherche de fiches techniques de composants électroniques |
|
CMV8000 Fiches technique(PDF) 9 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CMV8000 Fiches technique(HTML) 9 Page - ams-OSRAM AG |
|
9 / 90 page ![]() Document Feedback CMV8000 Pin Assignment Preliminary Datasheet • PUBLIC DS000609 • v1-00 • 2019-Jun-12 89 │ 8 Pin Number Pin Name Pin Type (1) Description A5 SPI_OUT DO SPI output data B2 TDIG1 DI Digital test pin 1 C3 TDIG2 DO Digital test pin 2 T1 IN_LCLK_P LVDS input Clock input channel U1 IN_LCLK_N LVDS input Clock input channel T17 OUT_CLK_P LVDS output Clock output channel U17 OUT_CLK_N LVDS output Clock output channel U2 OUT_CTR_P LVDS output Control output channel T2 OUT_CTR_N LVDS output Control output channel U3 OUT1_P LVDS output Channel 1 output T3 OUT1_N LVDS output Channel 1 output T5 OUT3_P LVDS output Channel 3 output T4 OUT3_N LVDS output Channel 3 output V4 OUT5_P LVDS output Channel 5 output U4 OUT5_N LVDS output Channel 5 output V5 OUT7_P LVDS output Channel 7 output U5 OUT7_N LVDS output Channel 7 output T8 OUT9_P LVDS output Channel 9 output T7 OUT9_N LVDS output Channel 9 output V7 OUT11_P LVDS output Channel 11 output U7 OUT11_N LVDS output Channel 11 output V8 OUT13_P LVDS output Channel 13 output U8 OUT13_N LVDS output Channel 13 output V9 OUT15_P LVDS output Channel 15 output U9 OUT15_N LVDS output Channel 15 output V10 OUT17_P LVDS output Channel 17 output U10 OUT17_N LVDS output Channel 17 output T10 OUT19_P LVDS output Channel 19 output T9 OUT19_N LVDS output Channel 19 output T13 OUT21_P LVDS output Channel 21 output T12 OUT21_N LVDS output Channel 21 output V12 OUT23_P LVDS output Channel 23 output U12 OUT23_N LVDS output Channel 23 output V13 OUT25_P LVDS output Channel 25 output U13 OUT25_N LVDS output Channel 25 output |