| Moteur de recherche de fiches techniques de composants électroniques |
|
CMV4000 Fiches technique(PDF) 41 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CMV4000 Fiches technique(HTML) 41 Page - ams-OSRAM AG |
|
41 / 92 page ![]() CMV4000 Functional description Datasheet • PUBLIC • Document Feedback DS000728 • v8-01 • 2025-Jul-10 41 / 92 / 4 output channels: When only 4 LVDS output channels are used, the read-out of one row takes (4 x 128) + (4 x 1) master clock periods. The maximum frame rate is reduce with a factor of 4 compared to 16 channels mode. Figure 30: Output timing in 4 channels mode 2 output channels: When only 2 LVDS output channels are used, the read-out of one row takes (8 x 128) + (8 x 1) master clock periods. The maximum frame rate is reduced with a factor of 8 compared to 16 channels mode. Figure 31: Output timing in 2 channels mode IDLE OH 128 OH DATA_OUT 128 OH 128 OH 128 Row 1 Row 2 OH 128 OH 128 OH 128 OH 128 IDLE OH 128 128 128 128 128 Row 1 128 128 128 128 128 128 128 128 Row 2 128 128 128 OH OH OH OH OH OH OH OH OH OH OH OH OH OH OH |