| Moteur de recherche de fiches techniques de composants électroniques |
|
CMV12000 Fiches technique(PDF) 64 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CMV12000 Fiches technique(HTML) 64 Page - ams-OSRAM AG |
|
64 / 85 page ![]() Document Feedback CMV12000 Functional Description Datasheet • PUBLIC DS000603 • v6-00 • 2023-Sep-22 84 │ 63 Figure 87: Temperature Sensor Calibration Examples Figure 88: Temperature Sensor Register Reg. Name Address Bits Default Description Temp_sensor 127 [15:0] - Read-Only. Contains a value for calculating the sensor temperature. The on-chip temperature sensor is located in the middle of the left side. See Figure 89. y = 6.82x + 1505 y = 7.38x + 1804 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300 0 10 20 30 40 50 60 Device Temperature [°C] Reg_val_dev1 Reg_val_dev2 |