Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLS360 Fiches technique(PDF) 33 Page - Clarke International

No de pièce DLS360
Description  3600PSI DIESEL POWER WASHER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CLARKE [Clarke International]
Site Internet  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DLS360 Fiches technique(HTML) 33 Page - Clarke International

Back Button DLS360 Datasheet HTML 29Page - Clarke International DLS360 Datasheet HTML 30Page - Clarke International DLS360 Datasheet HTML 31Page - Clarke International DLS360 Datasheet HTML 32Page - Clarke International DLS360 Datasheet HTML 33Page - Clarke International DLS360 Datasheet HTML 34Page - Clarke International DLS360 Datasheet HTML 35Page - Clarke International DLS360 Datasheet HTML 36Page - Clarke International DLS360 Datasheet HTML 37Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
33
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
Water leaking at
pump
1) Loose connections
2) Piston packings worn
3) Worn or broken O
rings
4) Pump head or tubes
damaged from freezing
1) Tighten hose connections
2) Have parts cleaned or replaced by
an authorised CLARKE dealer
3) Check and replace O ring
4) Have parts cleaned or replaced by
an authorised CLARKE dealer
Water leaking at
spray gun/spray
wand connection
1) Worm or broken O ring
2) Loose hose
connection
1) Check and replace O ring
2) Tighten hose connections
Oil leaking at pump 1) Oil Seals worn
2) Loose drain plug
3) Worn drain plug O ring
4) Worn fill plug O ring
5) Pump overfilled
6) Incorrect oil used
7) Vent plug clogged
1) Have parts cleaned or replaced by
an authorised CLARKE dealer
2) Tighten drain plug
3) Inspect and replace O ring
4) Inspect and replace O ring
5) Check for correct oil amount
6) Drain and refill with correct type and
amount of oil
7) Clean vent plug. Use a blast of air to
free it of blockage. If problem persists,
replace vent plug
PROBLEM
PROBABLE CAUSE
SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40