| Moteur de recherche de fiches techniques de composants électroniques |
|
WLS Fiches technique(PDF) 1 Page - KITAGAWA GmbH |
|
|
|||||||||||||||||||||||||||||
WLS Fiches technique(HTML) 1 Page - KITAGAWA GmbH |
|
|
1 / 1 page ![]() ・ ・ ● ( : ) ● ● ※ ( ( ※ ) ● ( : ) ● ● 14.4 Part No. Mounting hole size Panel thickness Std. Package RPS-2E-VO (Unit:mm) +0.2 0 φ4.8 0.8~1.2 1,000 pcs. DOUBLE LOCKING SPACER / WLS Features Material ● Nylon 66(Color:Natural) Snap Mounting ● Space-saving PCB spacer. ※ For V0 type, “V0” is added to the end of the part No. (With regard to lot size and lead time, please contact us.) Supports heavily loaded PC boards at the middle of PCB Can be used with MPS series UL94 V-2 (V-0※) Refer to the bottom column Round hole WLS ( 10 ) Part No. Mounting hole size Panel thickness Std. Package A WLS-06-0 WLS-08-0 WLS-10-0 WLS-12-0 WLS-13-0 WLS-14-0 WLS-16-0 WLS-16.8-0 WLS-18-0 WLS-20-0 9.2 11.2 13.2 15.2 16.2 17.2 19.2 20.0 21.2 23.2 15.2 17.2 19.2 21.2 22.2 23.2 25.2 26.0 27.2 29.2 (B) 1,500 pcs. 1000 pcs. 1,500 pcs. 1000 pcs. 1,500 pcs. 1000 pcs. 1,500 pcs. 1000 pcs. 1,500 pcs. (Unit:mm) Part No. Mounting hole size Panel thickness Std. Package A WLS-03-0 WLS-04-0 6.2 7.2 10.8 11.8 (B) +0.2 0 φ3.5 500 pcs. Top /bottom 1.6±0.15 Top /bottom 1.6±0.15 φ4±0.1 5 ※ ※ ※WLS-03-0, -04-0:4.5 14.4 9.1 6.2 14.4 ・ (Unit:mm) Part No. Mounting hole size Panel thickness Std. Package A KGPS-3S KGPS-4S KGPS-6S KGPS-8S KGPS-10S KGPS-12S KGPS-14S KGPS-16S KGPS-18S 7.5 9.1 12.1 15.4 18.6 21.8 24.9 28.1 31.3 0.5~1.6 0.5~1.3 +0.2 0 +0.2 0 0.5~2.3 100 pcs. (Unit:mm) KGSP-2.5M-V2 KGSP-3M-V0 6.6 7.4 1000 pcs. φ 4.8 φ 4.8 (Unit:mm) Part No. Mounting hole size Panel thickness Std. Package A +0.2 0 KGSP-1.5MP-VO 5.5 Top φ3.5±0.1 Bottom φ 4.8 Top Bottom 1.0~1.6 500 pcs. Part No. Mounting hole size Panel thickness Std. Package A KGPS-3.5S-N 8.2 +0.2 0 500 pcs. φ 4.8 0.5~2.3 PCB spacer for space saving 6 |
Numéro de pièce similaire - WLS |
|
Description similaire - WLS |