Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A TMS-30-R Fiches technique(PDF) 1 Page - KITAGAWA GmbH

No de pièce A TMS-30-R
Description  Cable tie mount with adhesive or screw-mount options
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KGS [KITAGAWA GmbH]
Site Internet  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

A TMS-30-R Fiches technique(HTML) 1 Page - KITAGAWA GmbH

  A TMS-30-R Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(Unit:mm)
※ 1.3mm for TMS-30-R.
Screw mounting
Adhesive tape mounting
(Screw type has “No adhesive backing”
at the end of Part No. )
● Can be mounted with either screw or adhesive tape.
● Cable tie can enter from any of four directions.
CABLE TIE MOUNT / TMS
● Nylon 66(Color:Natural)
(Resin portion of the body)
UL94 V-2
φ3
A
B
C
Part No.
Std. Package
Cable tie
Screw (Small flat head screw)
(E)
1.5
2.0
D
4.5
6.0
C
20.0
30.0
B
10.0
12.0
A
5.2
8.2
TMS-20-R
TMS-20
No adhesive backing
TMS-30
No adhesive backing
A TMS-30-R
Width Max 5.0
Thickness Max. 1.5
Width Max 8.0
Thickness Max. 2.0
——
M2.5
——
M2.5~M3
200 pcs.
Double sided adhesive tape
(TMS-20-R・TMS-30-R )
Material
Features
Cable tie mount with adhesive or screw-mount options
87


Description similaire - A TMS-30-R

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
151-28349 ETC2-151-28349 Datasheet
102Kb / 1P
Cable Tie Mount s
481-0200 ETC2-481-0200 Datasheet
113Kb / 2P
Screw Mount Cable Tie
561-TA250125 ETC2-561-TA250125 Datasheet
140Kb / 2P
Cable Tie Mount
logo
Richco, Inc.
FTH-5A-RT-M RICHCO-FTH-5A-RT-M Datasheet
83Kb / 1P
Mini Cable Tie Mount with Adhesive Base
logo
List of Unclassifed Man...
ANT-2.4-WRT-XXX ETC2-ANT-2.4-WRT-XXX Datasheet
859Kb / 1P
Adhesive or permanent mount
ANT-868-WRT-XXX ETC2-ANT-868-WRT-XXX Datasheet
856Kb / 1P
Adhesive or permanent mount
ANT-916-WRT-RPS ETC2-ANT-916-WRT-RPS Datasheet
856Kb / 1P
Adhesive or permanent mount
logo
Vicor Corporation
PFM4414BB6M24D0C00 VICOR-PFM4414BB6M24D0C00 Datasheet
911Kb / 23P
Chassis mount or board mount packaging options
PFM4414XB6M24D0YZZ VICOR-PFM4414XB6M24D0YZZ Datasheet
911Kb / 23P
Chassis mount or board mount packaging options
logo
Linx Technologies
ANT-433-WRT-RPS LINX-ANT-433-WRT-RPS Datasheet
407Kb / 2P
Adhesive or permanent mount
12/9/13
More results


Html Pages

1