Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BP-104-FS Fiches technique(PDF) 15 Page - ams-OSRAM AG

No de pièce BP-104-FS
Description  Silicon PIN Photodiode with Daylight Blocking Filter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

BP-104-FS Fiches technique(HTML) 15 Page - ams-OSRAM AG

Back Button BP-104-FS Datasheet HTML 11Page - ams-OSRAM AG BP-104-FS Datasheet HTML 12Page - ams-OSRAM AG BP-104-FS Datasheet HTML 13Page - ams-OSRAM AG BP-104-FS Datasheet HTML 14Page - ams-OSRAM AG BP-104-FS Datasheet HTML 15Page - ams-OSRAM AG BP-104-FS Datasheet HTML 16Page - ams-OSRAM AG BP-104-FS Datasheet HTML 17Page - ams-OSRAM AG BP-104-FS Datasheet HTML 18Page - ams-OSRAM AG BP-104-FS Datasheet HTML 19Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
BP 104 FS
DATASHEET
DATASHEET
15 | Version 1.10 | 2025-06-04
Notes
Subcomponents of this device contain, in addition to other substances, metal filled materials including silver.
Metal filled materials can be affected by environments that contain traces of aggressive substances. There-
fore, we recommend that customers minimize device exposure to aggressive substances during storage,
production, and use. Devices that showed visible discoloration when tested using the described tests above
did show no performance deviations within failure limits during the stated test duration. Respective failure
limits are described in the IEC60810.
For further application related information please visit https://ams-osram.com/support/application-notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19