Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS89010 Fiches technique(PDF) 35 Page - ams-OSRAM AG

No de pièce AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89010 Fiches technique(HTML) 35 Page - ams-OSRAM AG

Back Button AS89010 Datasheet HTML 31Page - ams-OSRAM AG AS89010 Datasheet HTML 32Page - ams-OSRAM AG AS89010 Datasheet HTML 33Page - ams-OSRAM AG AS89010 Datasheet HTML 34Page - ams-OSRAM AG AS89010 Datasheet HTML 35Page - ams-OSRAM AG AS89010 Datasheet HTML 36Page - ams-OSRAM AG AS89010 Datasheet HTML 37Page - ams-OSRAM AG AS89010 Datasheet HTML 38Page - ams-OSRAM AG AS89010 Datasheet HTML 39Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 33 of 41
AS89010
V3.11
Figure 22: Principle program steps of a µC based software to control the converter in SYNS and SYND Mode29
29 S_Syn is a Software variable of a µC based software to control the converter in SYNS and SYND Mode which is generated from the
external SYN signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43